Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME41AEHAZ Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME41AEHAZ
Description  Shunt Bandgap Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41AEHAZ Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME41AEHAZ Datasheet HTML 6Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 7Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 8Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 9Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 10Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 11Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 12Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 13Page - Analog Microelectronics AME41AEHAZ Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME
11
AME41-1.2
Shunt Bandgap Voltage Reference
Rev.G.03
n Package Dimension
MIN
MAX
MIN
MAX
A
1.00
1.40
0.0394
0.0551
A1
0.00
0.15
0.0000
0.0059
b
0.35
0.50
0.0138
0.0197
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.40
3.00
0.09449 0.11811
L
θ1
0
o
10
o
0
o
10
o
1.90 BSC
0.0748 BSC
0.35BSC
0.0138BSC
SYMBOLS
MILLIMETERS
INCHES
SOT-23
SOP-8
MIN
MAX
MIN
MAX
A
1.35
1.75
0.05315
0.0689
A1
0.10
0.30
0.00394 0.01181
A2
B
0.33
0.51
0.01299 0.02008
C
0.19
0.25
0.00748 0.00984
D
4.80
5.33
0.18898 0.20984
E
3.80
4.00
0.14961 0.15748
e
L
0.40
1.27
0.01575 0.05000
H
5.80
6.30
0.22835 0.24803
y
-
0.10
-
0.00394
θ
0
o
8
o
0
o
8
o
SYMBOLS
MILLIMETERS
INCHES
1.473 REF
0.05799 REF
1.27 BSC
0.05000 BSC
b
D
e
Top View
Side View
Front View
θ1
PIN 1
7
o(4X)
Top View
Side View
Front View
D
E
e
B
H
θ
L
C
PIN 1


Similar Part No. - AME41AEHAZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41AEHA AME-AME41AEHA Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results

Similar Description - AME41AEHAZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com