Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND3222MST2 Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # AND3222MST2
Description  LCD Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND3222MST2 Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  AND3222MST2 Datasheet HTML 1Page - Purdy Electronics Corporation AND3222MST2 Datasheet HTML 2Page - Purdy Electronics Corporation AND3222MST2 Datasheet HTML 3Page - Purdy Electronics Corporation AND3222MST2 Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
4
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/20/07
www.purdyelectronics.com
Displays
Connector Pin Assignment for Interface
Power Supply
Interface Pin Assignment
Terminal
No.
Symbol
Level
Function
1
VSS
0V
Power Supply Ground
2
VDD
5V
Logic Supply Voltage
3
VO
Contrast Adjustment Voltage
4
/RD
L
Read Signal
5
/WR
L
Write Signal
6
Ao
H/L
Data Type Select
7
DB0
H/L
Data Bus Line
8
DB1
H/L
9
DB2
H/L
10
DB3
H/L
11
DB4
H/L
12
DB5
H/L
13
DB6
H/L
14
DB7
H/L
15
/CS
L
Chip Signal
16
/RST
L
Reset Signal
17
VLCD
Power Supply for LCD
18
FG
For GND
19
NC
No Connection
20
NC
No Connection
Block Diagram
AND3222MST2


Similar Part No. - AND3222MST2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND3222MST2 ETC2-AND3222MST2 Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND3222MST2

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com