Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANDPSI089C362S-KIT Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # ANDPSI089C362S-KIT
Description  8.90??WSVGA Color p-Si TFT LCD Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI089C362S-KIT Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  ANDPSI089C362S-KIT Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 5Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 6Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 7Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 8Page - Purdy Electronics Corporation ANDPSI089C362S-KIT Datasheet HTML 9Page - Purdy Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8216 • Fax: 408.733.1287 • sales@purdyelectronics.com
2/25/09
www.purdyelectronics.com
Displays
Dimensional Outline
Front View
Unit: mm
Standard Tolerance: 0.5mm
ANDpSi0089C362S-KIT


Similar Part No. - ANDPSI089C362S-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI089C362S-4HB PURDY-ANDPSI089C362S-4HB Datasheet
279Kb / 6P
   8.90??WSVGA Color p-Si TFT LCD Module
ANDpSi089C362S-4HB PURDY-ANDpSi089C362S-4HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
ANDpSI089C362S-4HB PURDY-ANDpSI089C362S-4HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - ANDPSI089C362S-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI089C362S PURDY-ANDPSI089C362S Datasheet
242Kb / 6P
   8.90??WSVGA Color p-Si TFT LCD Module
ANDPSI089C362S-4HB PURDY-ANDPSI089C362S-4HB Datasheet
279Kb / 6P
   8.90??WSVGA Color p-Si TFT LCD Module
ANDPSI056ET1S-HB PURDY-ANDPSI056ET1S-HB Datasheet
243Kb / 5P
   5.61??WSVGA Color p-Si TFT LCD Module
ANDPSI104EA5S-HB-KIT PURDY-ANDPSI104EA5S-HB-KIT Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-4HB-KIT PURDY-ANDPSI104EA5S-4HB-KIT Datasheet
458Kb / 10P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-HB PURDY-ANDPSI104EA5S-HB Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-4HB PURDY-ANDPSI104EA5S-4HB Datasheet
458Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI121GAOS-HB PURDY-ANDPSI121GAOS-HB Datasheet
612Kb / 5P
   12.1??XGA Color p-Si TFT LCD Module
ANDPSI121GAOS-HB-KIT PURDY-ANDPSI121GAOS-HB-KIT Datasheet
612Kb / 5P
   12.1??XGA Color p-Si TFT LCD Module
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com