Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F1016DWE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F1016DWE4
Description  16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F1016DWE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F1016DWE4 Datasheet HTML 1Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 2Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 3Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 4Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74F1016
16-BIT SCHOTTKY BARRIER DIODE
R-C BUS-TERMINATION ARRAY
SDFS093 – NOVEMBER 1992 – REVISED DECEMBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Designed to Reduce Reflection Noise
Repetitive Peak Forward
Current . . . 300 mA
16-Bit Array Structure Suited for
Bus-Oriented Systems
description
This bus-termination array is designed to reduce
reflection
noise
and
minimize
ringing
on
high-performance bus lines. The SN74F1016
features a 16-bit R-C network and Schottky barrier
diode array. These Schottky diodes provide
clamp-to-ground
functionality
and
serve
to
minimize
overshoot
and
undershoot
of
high-speed switching buses.
The SN74F1016 is characterized for operation
from 0
°C to 70°C.
schematic diagram
20
19
18
17
16
15
14
13
12
11
12
3
4
5
6
7
8
9
10
GND
A16
A15
A14
A13
A12
A11
A10
A9
GND
GND
A1
A2
A3
A4
A5
A6
A7
A8
GND
Resistor
=
50
Ω ± 10%
Capacitor =
47 pF
± 10%, VR = 2.5 V, f = 1 MHz
Diode
=
Schottky
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
A1
A2
A3
A4
A5
A6
A7
A8
GND
GND
A16
A15
A14
A13
A12
A11
A10
A9
GND
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F1016DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016DW TI1-SN74F1016DW Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016DWG4 TI1-SN74F1016DWG4 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016DWR TI1-SN74F1016DWR Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
More results

Similar Description - SN74F1016DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI1-SN74F1016_V01 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1018 TI-SN74F1018 Datasheet
86Kb / 5P
[Old version datasheet]   18-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com