Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND-TFT-35PA-4HB-KIT Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND-TFT-35PA-4HB-KIT
Description  LCD Color Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-35PA-4HB-KIT Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND-TFT-35PA-4HB-KIT Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 6Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 7Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 8Page - Purdy Electronics Corporation AND-TFT-35PA-4HB-KIT Datasheet HTML 9Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AND-TFT-35PA-4HB-KIT
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/28/07
Power Consumption
(Ta =
25°C)
Recommended Operating Conditions
Note 1: STH1, STH2, CPH1, CPH2, CPH3, Q2H, INH, CPV, XOE,
DIO1, DIO2
Optical Specifications
Item
Symbol
Remarks
Specifications
Units
Min.
Typ.
Max.
LCD Panel Power Consumption
33.5
mW
CCFL Current
IL
5.0
mA
CCFL Starting Voltage
VL
665.0
V
Backlight Power Consumption
PL
2.4
W
Item
Symbol
Remarks
Specifications
Unit
Min.
Typ.
Max.
Power Supply
(Ta = 25°C)
VCC
+4.5
+5.0
+5.5
V
VDD
+3.0
+3.3
+3.6
AVDD
+4.5
+5.0
+5.5
VGH
+15.0
+17.0
+19.0
VEE
-15.5
-15.0
-14.5
VGL AC
AC Component of VGL
+6.0
VP-P
VGL DC
DC Component of VGL
-13.0
-12.0
-10.5
V
Video Signal (VR, VG, VB)
Vi AC
AC Component
+4.0
+4.2
VP-P
Vi DC
DC Component
+2.5
V
VCOM
VCOM AC
AC Component of VCOMM
+6.0
VP-P
VCOM DC
DC Component of VCOMM
TBD
V
H Level
VIH
Note 1
+0.7 VDD
––
V
L Level
VIL
––
+0.3 VDD
Item
Symbol
Conditions
Specifications
Unit
Min.
Typ.
Max.
Viewing Angle
Horizontal
θ
CR
10
± 45
± 60
deg
Vertical
θ (to 12 o’clock)
10
45
θ (to 6 o’clock)
30
45
Contrast Ratio
Luminance when LCD is White
Luminance when LCD is Black
CR
At optimized viewing angle
200
350
Response Time
Rise
Tr
θ =0°
15
30
ms
Fall
Tf
φ =0°
25
50
Transmission
Ratio
T
8.5
9.0
9.5
%
Uniformity
U
65
70
Brightness
LUM
200
1500
cd/m2
White Chromaticity
X
θ =0°
0.280
0.310
0.340
Y
0.310
0.340
0.370
Tc
66.50
68.50
70.50
Lamp Life Time
+25°C
10,000
hr
Backlight Connector
JST BHR-03VS-2


Similar Part No. - AND-TFT-35PA-4HB-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-35PA-4HB PURDY-AND-TFT-35PA-4HB Datasheet
197Kb / 4P
   LCD Color Monitor
logo
List of Unclassifed Man...
AND-TFT-35PA-4HB ETC2-AND-TFT-35PA-4HB Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND-TFT-35PA-4HB-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
   LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
   LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
   LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
   LCD Color Monitor
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
   LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
   LCD Color Monitor
AND-TFT-5VX-4HB-KIT PURDY-AND-TFT-5VX-4HB-KIT Datasheet
642Kb / 12P
   LCD Color Monitor
AND-TFT-5VX-KIT PURDY-AND-TFT-5VX-KIT Datasheet
577Kb / 11P
   LCD Color Monitor
AND-TFT-35PA-4HB PURDY-AND-TFT-35PA-4HB Datasheet
197Kb / 4P
   LCD Color Monitor
AND-TFT-35XS-LED-KIT PURDY-AND-TFT-35XS-LED-KIT Datasheet
342Kb / 8P
   LCD Color Monitor
AND-TFT-64PA-KIT PURDY-AND-TFT-64PA-KIT Datasheet
223Kb / 6P
   LCD Color Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com