Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND-TFT-64PA Datasheet(PDF) 5 Page - Purdy Electronics Corporation

Part # AND-TFT-64PA
Description  LCD Color Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-64PA Datasheet(HTML) 5 Page - Purdy Electronics Corporation

  AND-TFT-64PA Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-64PA Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-64PA Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-64PA Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-64PA Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-64PA Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AND-TFT-64PA
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1/28/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
5
8. Default Hi (+5V) for shift Right; Input Low (0V) for inverst (shift Left.)
9. Default Hi (+5V) for DOWN; Low (0V) for UP.
10. NTSC = Hi (+5V), PAL = LOW (0V).
Block Diagram


Similar Part No. - AND-TFT-64PA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
396Kb / 4P
   Liquid Crystal Displays
logo
List of Unclassifed Man...
AND-TFT-64PA ETC2-AND-TFT-64PA Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
logo
Purdy Electronics Corpo...
AND-TFT-64PA-DHB PURDY-AND-TFT-64PA-DHB Datasheet
219Kb / 6P
   LCD Color Monitor
AND-TFT-64PA-DHB PURDY-AND-TFT-64PA-DHB Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - AND-TFT-64PA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
   LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
   LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
   LCD Color Monitor
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
   LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
   LCD Color Monitor
AND-TFT-5VX-4HB-KIT PURDY-AND-TFT-5VX-4HB-KIT Datasheet
642Kb / 12P
   LCD Color Monitor
AND-TFT-5VX-KIT PURDY-AND-TFT-5VX-KIT Datasheet
577Kb / 11P
   LCD Color Monitor
AND-TFT-35PA-4HB PURDY-AND-TFT-35PA-4HB Datasheet
197Kb / 4P
   LCD Color Monitor
AND-TFT-35XS-LED-KIT PURDY-AND-TFT-35XS-LED-KIT Datasheet
342Kb / 8P
   LCD Color Monitor
AND-TFT-64PA-KIT PURDY-AND-TFT-64PA-KIT Datasheet
223Kb / 6P
   LCD Color Monitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com