Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME385BEET Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME385BEET
Description  Shunt Bandgap Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385BEET Datasheet(HTML) 5 Page - Analog Microelectronics

  AME385BEET Datasheet HTML 1Page - Analog Microelectronics AME385BEET Datasheet HTML 2Page - Analog Microelectronics AME385BEET Datasheet HTML 3Page - Analog Microelectronics AME385BEET Datasheet HTML 4Page - Analog Microelectronics AME385BEET Datasheet HTML 5Page - Analog Microelectronics AME385BEET Datasheet HTML 6Page - Analog Microelectronics AME385BEET Datasheet HTML 7Page - Analog Microelectronics AME385BEET Datasheet HTML 8Page - Analog Microelectronics AME385BEET Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME
5
AME385-2.5
Shunt Bandgap Voltage Reference
Rev.G.03
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
Parameter
Maximum
Unit
Supply Current
50
mA
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC
Supply Current
100
µA ~ 20mA
Parameter
Symbol
Min
Typ
Max
Units
Reference Voltage,
±0.5%
2.487
2.50
2.513
V
Reference Voltage,
±0.8%
2.480
2.50
2.520
V
Minimum Current
IMIN
30
µA
1.5
3
5
20
Maximum Operation Current
ILmax
20
mA
Reverse Dynamic Impedence
RDI
1.5
Ohm
Wideband Noise (rms)
Vn
60
µV
Long term Stability
20
ppm
Reference Voltage Temp.
Coeff.
VREFTC
100
ppm/
oC
mV
Test Condition
IREF = 100µA
IMIN < I < 1mA
1mA < I < 20mA
Reference Voltage Change
With Current
dVREF/I
VREF
IR= 100mA, f=20Hz
IR= 100mA, 10 Hz<f<10KHz
IR= 100mA, TA=25
oC,
T=1000 Hours
0
oC < T
A < 70
oC
n Electrical Specifications
Unless otherwise specified, T
A = 0 to 70
OC, I = 100
µA


Similar Part No. - AME385BEET

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385BEET AME-AME385BEET Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME385BEETL AME-AME385BEETL Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
AME385BEETY AME-AME385BEETY Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
AME385BEETZ AME-AME385BEETZ Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AME385BEET

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com