Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME431BAJATB25Z Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME431BAJATB25Z
Description  Adjustable Precision Shunt Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJATB25Z Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME431BAJATB25Z Datasheet HTML 5Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 6Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 7Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 8Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 9Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 10Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 11Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 12Page - Analog Microelectronics AME431BAJATB25Z Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AME
9
AME431B-2.5V
Adjustable Precision
Shunt Regulator
Rev.B.04
n Electrical Specifications (AME431Bxxxxx25)
T
A = 25
0C, I
REF = 10mA unless otherwise specified
Figure1.
Test Circuit for V
KA=VREF
Figure2.
Test Circuit for V
KA>VREF
Figure3.
Test Circuit for I
OFF
R1
V
IN
I
KA
V
KA
V
REF
V
IN
I
OFF
V
KA
V
KA=VREF (1+R1/R2)+IREFR1
R1
R2
I
REF
V
REF
I
KA
R3
V
IN
V
KA
Test
Circuit
Symbol
Min
Typ
Max
Units
0.5%
2.4875
2.50
2.5125
1.0%
2.4750
2.50
2.5250
VKA = VREF
0
oC to 70oC
-
4.5
8
IKA = 10mA -40
oC to +125oC
-
4.5
18
∆V
KA =
10V to VREF
-
-1.0
-2.7
∆V
KA =
36V to 10V
-
-0.5
-2.0
2
IREF
-
0.7
4.0
µA
2
∆IREF
-
0.4
1.2
µA
1
IKA
(MIN)
-
0.4
1.0
mA
3
IKA
(OFF)
-
0.05
1.0
µA
1
ZKA
-
0.15
0.5
VKA = 36V, VREF = 0V
Test Condition
VKA = VREF, IKA = 1 to 100mA
F<1KHz
R1 = 10K
Ω, R2 =
IKA = 10mA
TA = -40
oC to +125oC
VKA = VREF
IKA = 10mA
R1 = 10K
Ω, R2 =
∆V
REF
∆V
KA
IKA = 10mA
2
VREF
1
Reference Voltage
V
VKA = VREF, IKA = 10mA
Deviation of Reference Voltage
Over Temperature
Ratio of Change in Reference
Voltage to the Change in
Cathode Voltage
mV/V
1
∆VREF
mV
Dynamic Impendance
Parameter
Reference Current
Deviation of Reference Current
Over Full Temperature Range
Minimum Cathode Current for
Regulation
Off-State Cathode Current


Similar Part No. - AME431BAJATB25Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431BAJATB25Z AME-AME431BAJATB25Z Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME431BAJATB25Z

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com