Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1300JEQA285 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME1300JEQA285
Description  300mA CMOS LDO with RESET Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1300JEQA285 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME1300JEQA285 Datasheet HTML 4Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 5Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 6Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 7Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 8Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 9Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 10Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 11Page - Analog Microelectronics AME1300JEQA285 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AME
11
AME1300
300mA CMOS LDO with
RESET Function
Rev.C.02
MIN
MAX
MIN
MAX
A
-
1.07
-
0.04197
A1
0.05
0.20
0.002
0.008
A2
0.81
0.92
0.032
0.036
b
0.28
0.38
0.011
0.015
b1
0.28
0.33
0.011
0.013
c
0.13
0.23
0.005
0.009
c1
0.13
0.17
0.005
0.006
D
2.90
3.10
0.114
0.122
E
4.77
4.98
0.188
0.196
E1
2.90
3.10
0.114
0.122
e
e1
L
0.406
0.686
0.01598 0.02701
L1
L2
θ
0
o
8
o
0
o
8
o
SYMBOLS
MILLIMETERS
INCHES
0.65 TYP
0.0255 TYP
1.95 TYP
0.0767 TYP
0.94 REF
0.037 REF
0.010 TYP
0.254 TYP
n Package Dimension
MSOP-8
NOTE:
1. Controlling dimension : Millimeter, converted inchdimension
are not necessarily exact.
2. Dimensiioning and tolerancing per ansi Y14.5m-1994.
3. Dimension "d" does not include mold flash,protrusion or gate
burr, mold flash,protrusion and gate burr shall not exceed
0.15mm(0.006") per side. Dimension e1 do not include inter-lead
flash or protrusion, inter-lead flash and protrusion shall not ex-
ceed 0.15mm(0.006") per side.
4. The package top be smaller than the package bottom. Dimen-
sion d and e1 are determined at outermost extremes of the
plastic body exclusive of mold flash, tie bar burrs, gate burrs
and interlead flash, but including any mismatch between the top
and bottom of the plastic body.
5. Dimension 'b' does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm(0.0031) total in excess of
the "b" dimension at maximum material condition.
WITH PLATING
BASE METAL
e
R0.127(0 .005) TYP
ALL CORNER
& EDGES
TOP PKG.
Top View
Front View
End View
E
E1
PIN 1 I.D
(SHINNY SURFACE)
D
e1
BTM PKG.
L
L1
L2
DETAIL A
b
A1
A2
A
b
b1
c1
c
B
SECTION B-B
E1
B
See Detail A
θ


Similar Part No. - AME1300JEQA285

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Similar Description - AME1300JEQA285

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
   300mA Low Quiescent Current CMOS LDO with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com