Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME431BBJETA12Y Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME431BBJETA12Y
Description  Adjustable Precision Shunt Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BBJETA12Y Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME431BBJETA12Y Datasheet HTML 7Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 8Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 9Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 10Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 11Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 12Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 13Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 14Page - Analog Microelectronics AME431BBJETA12Y Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AME
11
AME431B-1.24V
Adjustable Precision
Shunt Regulator
Rev.E.04
Cathode Current vs. Cathode Voltage
Current vs. Cathode Voltage
Small Signal Voltage Gain vs. Frequency
50
Output
GND
220
Pulse
Generator
f=100KHz
Reference Current vs. Temperature
Reference Voltage vs. Cathode Current
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-45
-5
25
55
85
115
125
Temperature (oC)
Output
Input
Time (
µS)
2
4
6
0
0
1
2
3
4
5
-200
0
200
400
600
800
-0.7
-0.5
0
0.5
1.1
1.24
Cathode Voltage (V)
V
KA
=V
REF
T
A
= 25oC
1.232
1.234
1.236
1.238
1.240
1.242
1.244
1.246
1.248
1.250
10
20
30
40
50
60
70
80
90
100
110
Cathode Current (mA)
-100
-50
0
50
100
150
-1.2
-1
-0.8
-0.2
0.2
0.6
1
1.4
Cathode Voltage (V)
V
KA=VREF
T
A= 25
oC


Similar Part No. - AME431BBJETA12Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431BBJETA12Y AME-AME431BBJETA12Y Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME431BBJETA12Y

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com