Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME4621AEVBZ-3 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME4621AEVBZ-3
Description  1-Ohm Low Voltage Dual SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4621AEVBZ-3 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME4621AEVBZ-3 Datasheet HTML 1Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 2Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 3Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 4Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 5Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 6Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 7Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 8Page - Analog Microelectronics AME4621AEVBZ-3 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AME
1
AME4621
1-Ohm Low Voltage
Dual SPDT Analog Switch
Rev.C.03
l Low R
ON
l Wide Operation Supply Voltage: 1.8V to 5.5V
l Fast Switching Time: t
ON = tOFF = 50nS max.
l TTL-Logic Compatible
l Over Thermal Protection
The AME4621 is Dual Single Pole Double Throw(SPDT)
analog switches with wide operating single power supply
voltage range, from 1.8V to 5.5V.
AME4621 has 1
Ω max ON resistance when +5V power
supply is used. These products also have fast switching
speeds, t
ON = tOFF = 50nS max.
AME4621 is available in DFN-10B.
l Power Routing
l Battery-Operated Equipment
l Audio and Video Signal Routing
l Low-Voltage Data-Acquisition Systems
l Communications Circuits
l PCMCIA Cards
l PC Peripherals
n General Description
n Features
n Applications
n Functional Block Diagram
l Space Saving in DFN-10B
l All AME's Lead Free Product Meet RoHS
Standards
V
IN
1S
1B1
1A
1B0
GND
2S
2A
2B0
2B1
H: High Logic Level
L: Low Logic Level
Control Input(s)
L
H
Function
B0 connected to A
B1 connected to A


Similar Part No. - AME4621AEVBZ-3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIY AME-AME4620AEIY Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Similar Description - AME4621AEVBZ-3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Pericom Semiconductor C...
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com