Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME4624AEEYZ Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME4624AEEYZ
Description  1-Ohm Low Voltage SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4624AEEYZ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME4624AEEYZ Datasheet HTML 1Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 2Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 3Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 4Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 5Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 6Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 7Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 8Page - Analog Microelectronics AME4624AEEYZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AME
1
AME4624/4625
1-Ohm Low Voltage
SPDT Analog Switch
Rev.H.03
l Low R
ON
l Wide Operation Supply Voltage: 1.8V to 5.5V
l Fast Switching Time: t
ON = tOFF = 50nS max.
l TTL-Logic Compatible
l Pin Compatible with MAX4624/MAX4625
l High Bandwidth: 220 MHz(typ.)
The AME4624/AME4625 analog switches feature low
ON resistance, single-pole, double-throw (SPDT) with
wide operating single power supply voltage range, from
1.8V to 5.5V. The AME4624 offers break-before-make
switching while the AME4625 offers make-before-break
switching.
AME4624/AME4625 has 1
Ω max ON resistance when
+5V power supply is used. These products also have
fast switching speeds, t
ON = tOFF = 50nS max.
AME4624/AME4625 are available in SOT-26 & TSOT-
26.
l Power Routing
l Battery-Operated Equipment
l Audio and Video Signal Routing
l Low-Voltage Data-Acquisition Systems
l Communications Circuits
l PCMCIA Cards
l PC Peripherals
n General Description
n Features
n Applications
n Functional Block Diagram
In Logic
NC
NO
0
ON
OFF
1
OFF
ON
V+
IN
NO
COM
NC
GND
l Guaranteed Break-Before-Make(AME4624)
l Guaranteed Make-Before-Break(AME4625)
l All AME's Lead Free Products Meet RoHS
Standards


Similar Part No. - AME4624AEEYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIY AME-AME4620AEIY Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Similar Description - AME4624AEEYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com