Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5130 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME5130
Description  Micropower Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5130 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME5130 Datasheet HTML 1Page - Analog Microelectronics AME5130 Datasheet HTML 2Page - Analog Microelectronics AME5130 Datasheet HTML 3Page - Analog Microelectronics AME5130 Datasheet HTML 4Page - Analog Microelectronics AME5130 Datasheet HTML 5Page - Analog Microelectronics AME5130 Datasheet HTML 6Page - Analog Microelectronics AME5130 Datasheet HTML 7Page - Analog Microelectronics AME5130 Datasheet HTML 8Page - Analog Microelectronics AME5130 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AME
1
AME5130
Micropower Step-Up
DC/DC Converter
Rev.F.02
The AME5130 is a fixed off-time step-up DC/DC con-
verter in a small 5-lead SOT-25 package.The AME5130
is ideal for LCD panels requiring low current and high effi-
ciency as well as LED applications for cellular phone back-
lighting, PDAS,and other hand-held devices. The low
400ns off-time allows the use of tiny external compo-
nents.
AME5130 can drive up 8 white LEDs from a single Li-
Ion battery DC 2V to 5.5V; can be turned on by putting
more than 1V at pin 4(EN). To control LED brightness,
the LED current can be pulsed by applying a PWM (pulse
width modulated) signal with a frequency range of 100Hz
to 50KHz to the EN pin.
n General Description
n Features
n Applications
n Typical Application
l 0.7
Ω internal switch
l Uses small surface mount components
l Adjustable output voltage up to 20V
l 2V to 5.5V input range
l Input undervoltage lockout
l 0.01
µA shutdown current
l Small 5-Lead SOT-25 package
l All AME’ s Lead Free Product Meet RoHS
Standard
l White LED Back-Lighting
l Hand-held Devices
l Digital Cameras
l Portable Applications
l
LCD Bias Power
Figure 1
Six White LEDs Application in Li-lon
Battery
Figure 2
Typical 20V Application
* I
LED=VFB/R2
C
IN
4.7
µF
Ceramic
AME5130
V
IN
SW
FB
EN
GND
2
5
1
L
10
µH
4
0V
>1.1V
V
IN
2.5V-4.2V
3
R2
80
C
OUT
4.7
µF
Ceramic
D
Option for
6LEDs
I
LED
C
IN
4.7
µF
Ceramic
2
5
1
L
15
µH
4
V
IN
2.5V-4.2V
3
R2
13K
D
AME5130
SW
V
IN
FB
GND
EN
C
OUT
4.7
µF
Ceramic
R1
200K
20V
20mA


Similar Part No. - AME5130

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJ AME-AME5130AEEVADJ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Similar Description - AME5130

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com