Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME431BAJEVB12Z Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME431BAJEVB12Z
Description  Adjustable Precision Shunt Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJEVB12Z Datasheet(HTML) 5 Page - Analog Microelectronics

  AME431BAJEVB12Z Datasheet HTML 1Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 2Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 3Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 4Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 5Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 6Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 7Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 8Page - Analog Microelectronics AME431BAJEVB12Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AME
5
AME431B-1.24V
Adjustable Precision
Shunt Regulator
Rev.E.04
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature1
AME431B x x x x x xx x - x
Reference Voltage
Accuracy
Special Feature2
Package Lead Pitch
A
1. Cathode
J: -40OC to +125OC
A: TO-92
A: 8
A: 0.5%
12: 1.24V
L: Low profile
N/A:
Taping
5.08mm
(SOT-23)
2. REF
E: SOT-2X
T: 3
B: 1.0%
Y: Lead free &
1:
Bulk
2.54mm
(TSOT-23)
3. Anode
F: SOT-89
V: 5
Low profile
H: SOP
Z: Lead free
B
1. REF
(SOT-23)
2. Cathode
(TSOT-23)
3. Anode
A
1. REF
(SOT-89)
2. Anode
3. Cathode
A
1. REF
(TO-92-3)
2. Anode
3. Cathode
A
1. Cathode
(SOP-8)
2. Anode
3. Anode
4. NC
5. NC
6. Anode
7. Anode
8. REF
A
1. NC
(SOT-25)
2. NC
(TSOT-25)
3. Cathode
4. REF
5. Anode
Special Feature2
(For TO-92 Package Only)
Accuracy
Special
Feature1
Pin
Configuration
Reference
Voltage
Operating Ambient
Temperature Range
Package
Type
Number
of
Pins


Similar Part No. - AME431BAJEVB12Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431BAJEVB12Z AME-AME431BAJEVB12Z Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME431BAJEVB12Z

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com