Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDS10-312 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # RDS10-312
Description  Wheel/Indicator Type Rotary DIP Code Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

RDS10-312 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  RDS10-312 Datasheet HTML 1Page - Purdy Electronics Corporation RDS10-312 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1
Tel: 408.523.8200 • Fax: 408.733.1287 • customerservice@purdyelectronics.com • www.purdyelectronics.com
4/3/05
RDS10-312
RDS10-322
RDS10-332
RDS16-312
RDS16-322
RDS16-332
FEATURES
Fully sealed construction
Kinked tails hold switch to PC board during sol-
dering
Binary decimal (10 positions) & hexadecimal (16
positions), real & complimentary codes
Wheel/Indicator type rotor styles
SPECIFICATIONS
Current rating & voltage
Non-switching: 125 mA, 30V CD
Switching: 125 mA, 30V DC
Contact resistance
100mΩ max.
Dielectric withstanding voltage
250V AC for 1 minute
Insulation resistance
1,000 MΩ min. at 250V DC
Durability
20,000 actuations
Position
10 and 16
Operating temperature
-25ºC ~ +85ºC
Wheel/Indicator Type Rotary DIP Code Switches
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - RDS10-312

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
RDS10-020-005FF YAMAICHI-RDS10-020-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-020-005FL YAMAICHI-RDS10-020-005FL Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-030-005FF YAMAICHI-RDS10-030-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-030-005FL YAMAICHI-RDS10-030-005FL Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-040-005FF YAMAICHI-RDS10-040-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
More results

Similar Description - RDS10-312

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
   Flat/Flush Shaft Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
PT65 ETC2-PT65 Datasheet
126Kb / 3P
   Rotary code switches
PT65705 ETC2-PT65705 Datasheet
126Kb / 3P
   Rotary code switches
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
List of Unclassifed Man...
P36S101 ETC2-P36S101 Datasheet
303Kb / 2P
   Low profile rotary code switches
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com