Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDS16-132 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # RDS16-132
Description  Flat/Flush Shaft Type Rotary DIP Code Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

RDS16-132 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  RDS16-132 Datasheet HTML 1Page - Purdy Electronics Corporation RDS16-132 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
RDS10-112
RDS10-122
RDS10-132
RDS16-112
RDS16-122
RDS16-132
FEATURES
Fully sealed construction
Kinked tails hold switch to PC board during sol-
dering
Binary decimal (10 positions) & hexadecimal (16
positions), real & complimentary codes
Flat/Flush type rotor styles
SPECIFICATIONS
Current rating & voltage
Non-switching: 125 mA, 30V CD
Switching: 125 mA, 30V DC
Contact resistance
100mΩ max.
Dielectric withstanding voltage
250V AC for 1 minute
Insulation resistance
1,000 MΩ min. at 250V DC
Durability
20,000 actuations
Position
10 and 16
Operating temperature
-25ºC ~ +85ºC
Product specifications contained herein may be changed without prior notice.
t is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product
Flat/Flush Shaft Type Rotary DIP Code Switches


Similar Part No. - RDS16-132

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
RDS16-020-005FF YAMAICHI-RDS16-020-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS16-020-005FL YAMAICHI-RDS16-020-005FL Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS16-030-005FF YAMAICHI-RDS16-030-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS16-030-005FL YAMAICHI-RDS16-030-005FL Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS16-040-005FF YAMAICHI-RDS16-040-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
More results

Similar Description - RDS16-132

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
   Wheel/Indicator Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
PT65 ETC2-PT65 Datasheet
126Kb / 3P
   Rotary code switches
PT65705 ETC2-PT65705 Datasheet
126Kb / 3P
   Rotary code switches
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
List of Unclassifed Man...
P36S101 ETC2-P36S101 Datasheet
303Kb / 2P
   Low profile rotary code switches
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com