Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74337-0073 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74337-0073
Description  0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74337-0073 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74337-0073 Datasheet HTML 1Page - Molex Electronics Ltd. 74337-0073 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
0.80mm (.031") Pitch
Ultra+VHDCI
Wire-to-Board
Receptacle
74337
Stacked, Right Angle
Features and Benefits
s
Conforms to EIA/SFF specifications to ensure
intermateability with conforming parts
s
Gold flash over Palladium Nickel plating for a high
durability/reliability interface
s
Dual-stack, single-piece design provides space savings with
one-step PCB processing
s
Optional cover to protect from contact damage during
handling
s
Available with or without screwlock hardware
(71433-0002)
s
One-piece enhanced face shield for improved EMI/RFI
performance and simple ground termination process
Reference Information
Product Specification: PS-71425-9999
Packaging: Tray
UL File No.: E29179
CSA File No.: LR19980-5
Mates With: Ultra+ VHDCI plug kit 71425
Designed In: Millimeters
Electrical
Voltage: 30V
Current: 0.5A
Contact Resistance: 50m
Ω max.
Dielectric Withstanding Voltage: 250V AC
Insulation Resistance: 500 M
Ω min.
Mechanical
Mating Force: 0.49N (0.11 lb)
Unmating Force: 0.15N (0.03 lb)
Durability: 500 cycles
Physical
Housing: Black, high-temperature thermoplastic, UL 94V-0
Contact: Phosphor Bronze
Plating: Gold flash over Palladium Nickel
PCB Thickness: 1.57 and 2.36mm (.062 and .093")
Operating Temperature: -55 to +85°C
CATALOG DRAWING (FOR REFERENCE ONLY)
Version 1 footprint shown.
Version 4 footprint features two board lock holes for the upper
connector and two board lock holes for the lower connector (refer
to Sales Drawing for details).
ORDERING INFORMATION AND DIMENSIONS
* Without enhanced shield and ground tabs
Circuits
Order No.
Footprint
Version
Dimension P
With Screwlocks
With Cover
With Screwlocks and Cover Without Screwlocks or Cover
136
74337-0040
74337-0012
74337-0038
74337-0016
1
2.08 (.082)
74337-0064
74337-0051*
74337-0054
74337-0061
4
2.08 (.082)
74337-0039
74337-0011
74337-0037
74337-0015
1
2.30 (.090)
74337-0073
74337-0070
74337-0072
74337-0071
1
3.44 (.135)
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-6-268-6868
Fax:65-6-265-2985
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Visit our Web site at http://www.molex.com/product/vhdci.html
Order No. USA-172
Printed in USA/2.5K/JI/JI/2002.05
©
2002, Molex


Similar Part No. - 74337-0073

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74337-0073 MOLEX8-74337-0073 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith Enhanced Shield, Version 1 Footprint, 136 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com