Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB1653 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74FB1653
Description  17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1653 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74FB1653 Datasheet HTML 4Page - Texas Instruments SN74FB1653 Datasheet HTML 5Page - Texas Instruments SN74FB1653 Datasheet HTML 6Page - Texas Instruments SN74FB1653 Datasheet HTML 7Page - Texas Instruments SN74FB1653 Datasheet HTML 8Page - Texas Instruments SN74FB1653 Datasheet HTML 9Page - Texas Instruments SN74FB1653 Datasheet HTML 10Page - Texas Instruments SN74FB1653 Datasheet HTML 11Page - Texas Instruments SN74FB1653 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74FB1653PCA
ACTIVE
HLQFP
PCA
100
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
SN74FB1653PCAG4
ACTIVE
HLQFP
PCA
100
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-May-2006
Addendum-Page 1


Similar Part No. - SN74FB1653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74FB1650PCA TI-SN74FB1650PCA Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74FB1650PCAG4 TI-SN74FB1650PCAG4 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

Similar Description - SN74FB1653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
logo
Fairchild Semiconductor
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
Fairchild Semiconductor
GTLP16616 FAIRCHILD-GTLP16616 Datasheet
72Kb / 10P
   17-Bit TTL/GTLP Bus Transceiver with Buffered Clock
GTLP16617 FAIRCHILD-GTLP16617 Datasheet
74Kb / 10P
   17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com