Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63851-7170 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63851-7170
Description  2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

63851-7170 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63851-7170 Datasheet HTML 1Page - Molex Electronics Ltd. 63851-7170 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.50mm (.098") Pitch
Splash Proof
Wire-to-Wire Systems
Note: Replace X with: 0 = White Color; 1 = Black Color; 2 = Red Color (available in 3 circuit only)
Description
Circuit Size/
Wire Gauge
Material
Packaging
Order No.
Receptacle
2
Polyester, UL 94V-0
Tray
52117-024X
3
52117-034X
4
52117-041X
Plug
2
Polyester, UL 94V-0
Tray
52116-024X
3
52116-034X
4
52116-041X
Male Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50038-8000
Bag
50038-8100
Female Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50039-8000
Bag
50039-8100
Receptacle
2
Polyester, UL 94V-0
Tray
52213-0211
3
52213-0311
4
52213-0417
Plug
2
Polyester, UL 94V-0
Tray
52266-0211
3
52266-0311
4
52266-0417
Male Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50147-8000
Bag
50147-8100
Female Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50148-8000
Bag
50148-8100
APPLICATIONS
s
Motorcycle
s
Recreation Vehicle
s
Marine/Boat
s
Bus
s
Automobile Door Mirror
s
Heated Toilet Seat
s
Bug Zapper
s
Outdoor Lighted Sign
s
Vending Machine
s
Medical
s
Factory Automation Equipment
Sealed for Moisture Environments


Similar Part No. - 63851-7170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63851-7170 MOLEX11-63851-7170 Datasheet
37Kb / 1P
   Punch
63851-7170 MOLEX11-63851-7170 Datasheet
37Kb / 1P
   Anvil
63851-7170 MOLEX11-63851-7170 Datasheet
60Kb / 1P
   Anvil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com