Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB11064R9MZF Datasheet(PDF) 5 Page - Superworld Electronics

Part # STB11064R9MZF
Description  SHIELDED SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STB11064R9MZF Datasheet(HTML) 5 Page - Superworld Electronics

  STB11064R9MZF Datasheet HTML 1Page - Superworld Electronics STB11064R9MZF Datasheet HTML 2Page - Superworld Electronics STB11064R9MZF Datasheet HTML 3Page - Superworld Electronics STB11064R9MZF Datasheet HTML 4Page - Superworld Electronics STB11064R9MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
09.05.2008
SHIELDED SMD POWER INDUCTORS
STB1106 SERIES
9. UL CARD :
Mtl Dsg
__
Coating Type
BC
__
__
TC
__
ANSI
Type
TI
GUANGDONG CHINA
E41429 (M)
150
150
0.71
PM-8320J
BK
150
Reports: March 29, 1985: May 14, 1974: September 16, 1971: September 16, 1971:
September 16, 1971: September 16, 1971: March 29, 1985.
R
94V-1
94V-0
94V-0
94V-0
0.69
PM-9830
BK
3.18
PM-8400
PM-8330
1.57
0.71
BK
0.71
BK
0
0
150
150
150
150
150
150
0
0
150
150
150
150
150
150
150
150
150
1
0
150
150
94V-0
3.18
150
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-1
3.05
PM-8315K
0.78
BK
1.52
6.10
PM-8315J
PM-8315
0.71
BN
1.47
0.50
BK
1
0
150
150
150
150
150
150
150
150
150
150
150
150
1
0
150
150
150
150
150
150
0
2
150
150
2
0
150
0
3
94V-0
94V-0
PM-9630
0.40
BK
0.51
150
150
150
150
150
150
0
0
04
3
04
3
05
4
05
4
0
0
0
January 15, 1991
QMFZ2


Similar Part No. - STB11064R9MZF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STB1132 AUK-STB1132 Datasheet
89Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
logo
AUK corp
STB1188 AUK-STB1188 Datasheet
85Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1188 KODENSHI-STB1188 Datasheet
309Kb / 4P
   PNP Silicon Transistor
More results

Similar Description - STB11064R9MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com