Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

44380-0015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44380-0015
Description  Modular Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44380-0015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44380-0015 Datasheet HTML 1Page - Molex Electronics Ltd. 44380-0015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Modular Jack
44380
Right Angle,
Low Profile Inverted
Mini-PCI Compliant
Features and Benefits
s
Meets the 1.00mm (.039") thick PCB requirements of the
Mini-PCI standard allowing for thinner PCB for tight space
applications
s
Plug latch on top of jack provides easy thumb depression
for mating and unmating
s
The inverted RJ-45 lightpipe modular jack provides
Category 5 performance for Fast Ethernet applications
s
Signal integrity remains high due to no interference from
LED leads
s
Lightpipes reduce the electronic noise from LEDs by as
much as 50%
s
Meets FCC 68.5 specification when plating selection is 50µ"
of Gold. (30µ" and 15µ" of Gold plating are also available)
s
Each Molex modular jack is 100% electronically tested to
detect possible shorting conditions before the product is
shipped
Molex’s New Mini-PCI Compliant Inverted Modular Jack Offers Signal Reliability and Flexibility
Molex Incorporated introduces a new right angle inverted Modular Jack that mounts to a 1.00mm (.039") thick PCB in
conformance with the Mini-PCI standard. Typical applications for this modular jack are notebook computers, modems, LANs,
docking stations, NetPCs, and set top boxes where space is limited.
The inverted design places the terminals on the bottom of the jack providing a shorter signal path for reduced crosstalk. This
design also minimizes the “Antennae” effect resulting in less noise being radiated through transmission lines. The Mini-PCI
compliant jack is offered with a lightpipe option. Lightpipes replace standard LEDs used in other manufacturers’ modular
jacks. The lightpipes direct the light emitted from the LEDs mounted on the PCB rather than conventional LEDs mounted in the
modular jacks. This offers the ultimate in flexibility since any color or intensity SMT LED can be used. The combination of PCB
mounted LEDs and lightpipes results in a reduction of LED generated noise.
The inverted Mini-PCI compliant modular jacks are available in through-hole styles for wave soldering or a high temperature
version for reflow soldering. The high temperature version maintains performance at a +260°C reflow soldering
temperature for 1 minute without deforming the modular jack or lightpipe. Shielded and unshielded offerings are available
for both RJ-11 and RJ-45 configurations for the standard through hole version, and a shielded modular jack is offered with
the high temperature lightpipes.


Similar Part No. - 44380-0015

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
44380-0015 MOLEX6-44380-0015 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted
More results

Similar Description - 44380-0015

ManufacturerPart #DatasheetDescription
Adam Technologies, Inc.
Adam Technologies, Inc.
MTJ-88A01-FSN-LG-M36 ADAM-TECH-MTJ-88A01-FSN-LG-M36 Datasheet
120Kb / 1P
   MODULAR JACK
CUI INC
CUI INC
CRJ001-ML1-TH CUI-CRJ001-ML1-TH Datasheet
597Kb / 4P
   MODULAR JACK
CRJ002-ML1-TH CUI-CRJ002-ML1-TH Datasheet
367Kb / 4P
   MODULAR JACK
CRJ006-L1-TH CUI-CRJ006-L1-TH Datasheet
309Kb / 3P
   MODULAR JACK
CRJ007-MLG-TH CUI-CRJ007-MLG-TH Datasheet
375Kb / 4P
   MODULAR JACK
CRJ008-MG-TH CUI-CRJ008-MG-TH Datasheet
360Kb / 4P
   MODULAR JACK
CRJ020-3-TH CUI-CRJ020-3-TH Datasheet
289Kb / 3P
   MODULAR JACK
CRJ025-1-TH CUI-CRJ025-1-TH Datasheet
287Kb / 3P
   MODULAR JACK
CRJ028-1H-TH CUI-CRJ028-1H-TH Datasheet
310Kb / 3P
   MODULAR JACK
03/24/2021
CRJ066-1-SMT CUI-CRJ066-1-SMT Datasheet
412Kb / 3P
   MODULAR JACK
04/05/2021
CRJ050-1-TH CUI-CRJ050-1-TH Datasheet
296Kb / 3P
   MODULAR JACK
04/16/2021
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com