Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC161284DGGRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74LVC161284DGGRG4
Description  19-BIT BUS INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC161284DGGRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVC161284DGGRG4 Datasheet HTML 3Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 4Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 5Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 6Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 7Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 8Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 9Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 10Page - Texas Instruments 74LVC161284DGGRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN74LVC161284
19BIT BUS INTERFACE
SCAS583J − NOVEMBER 1996 − REVISED FEBRUARY 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Output
(see Note C)
tPHL
tPLH
From
B or Y Output
Under Test
SLEW RATE A-TO-B OR A-TO-Y LOAD (Totem Pole)
VOLTAGE WAVEFORMS MEASURED AT TP1
PROPAGATION DELAY TIMES (A to B)
2.7 V
VOH
VOL
0 V
62
CL = 50 pF
(see Note A)
TP1
VCC
CL = 50 pF
(see Note A)
Sink Load
Source Load
1.4 V
VOH − 1.4 V
62
tPHL
tPLH
Input
(see Note B)
Output
(see Note B)
1.4 V
VOL + 1.4 V
tw
A-TO-B LOAD OR A-TO-Y LOAD (Open Drain)
VOLTAGE WAVEFORMS MEASURED AT TP1, B SIDE
2.7 V
VOH
VOL
0 V
1.4 V
1.4 V
2 V
2 V
0.8 V
0.8 V
tr
tf
TP1
From
B or Y Output
CL = 50 pF
(see Note A)
500
VCC
NOTES: A. CL includes probe and jig capacitance.
B. Input rise and fall times are 3 ns, 150 ns < pulse duration < 10
µs for both low-to-high and high-to-low transitions.
Slew rate is measured between 0.4 V and 0.9 V for the rising edge and between 2.4 V and 1.9 V for the falling edge.
C. Input rise and fall times are 3 ns. Rise and fall times (open drain) < 120 ns.
D. The outputs are measured one at a time, with one transition per measurement.
Input
(see Note C)
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - 74LVC161284DGGRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC161284 STMICROELECTRONICS-74LVC161284 Datasheet
217Kb / 11P
   LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
74LVC161284TTR STMICROELECTRONICS-74LVC161284TTR Datasheet
217Kb / 11P
   LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
More results

Similar Description - 74LVC161284DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV161284 TI-SN74LV161284 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284 TI-SN74LV161284_07 Datasheet
329Kb / 13P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284 TI-SN74LVC161284_07 Datasheet
340Kb / 14P
[Old version datasheet]   19-BIT BUS INTERFACE
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com