Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBV-680M-2A-4426 Datasheet(PDF) 3 Page - Superworld Electronics

Part # TBV-680M-2A-4426
Description  TOROIDAL INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

TBV-680M-2A-4426 Datasheet(HTML) 3 Page - Superworld Electronics

  TBV-680M-2A-4426 Datasheet HTML 1Page - Superworld Electronics TBV-680M-2A-4426 Datasheet HTML 2Page - Superworld Electronics TBV-680M-2A-4426 Datasheet HTML 3Page - Superworld Electronics TBV-680M-2A-4426 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
19.06.2008
0.150
430
TBV-431M-2.0A-8026
246
2
933
1300
TBV-132M-1.0A-9426
TBV-221M-2.0A-9426
TBV-391M-4.0A-9426
TBV-301M-5.0A-9426
TBV-131M-3.0A-9426
TBV-101M-4.0A-9426
TBV-820M-5.0A-9426
TBV-471M-1.0A-9426
TBV-501M-3.0A-9426
TBV-781M-2.0A-9426
TBV-321M-5.0A-9026
TBV-471M-1.0A-9026
TBV-451M-2.0A-9026
TBV-201M-2.0A-9026
TBV-141M-3.0A-9026
TBV-900M-5.0A-9026
TBV-471M-3.0A-9026
TBV-182M-1.0A-9026
TBV-961M-1.0A-8026
300
780
500
390
470
130
220
82
100
120
242
428
165
400
96
170
52
69
320
1800
470
470
450
200
140
90
960
120
398
1130
225
280
154
98
54
625
0.585
1
5
2
3
4
1
3
2
5
4
0.064
0.088
0.342
0.225
0.124
0.033
0.121
0.061
0.042
5
1
1
3
2
2
3
5
1
0.068
0.354
0.174
0.118
0.680
0.034
0.114
0.064
0.438
TBV-600M-4.0A-8026
TBV-820M-3.0A-8026
TBV-111M-2.0A-8026
TBV-101M-5.0A-8026
TBV-750M-3.0A-8026
TBV-151M-5.0A-8026
TBV-221M-4.0A-8026
TBV-271M-3.0A-8026
TBV-321M-2.0A-8026
TBV-500M-5.0A-8026
Part No.
42
60
270
320
220
150
82
100
110
75
140
193
68
105
60
90
53
54
Inductance @ 1KHz
( µH )
@ Idc=0A
50
@ Idc=Max.
( µH )
33
0.030
4
3
2
4
5
3
2
5
3
0.042
0.059
0.081
0.131
0.042
0.074
0.033
0.039
( A )
Max.
IDC
50.022
DCR
(
)
Max.
TOROIDAL INDUCTOR
TBV SERIES


Similar Description - TBV-680M-2A-4426

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF0010-HO XFMRS-XF0010-HO Datasheet
37Kb / 1P
   TOROIDAL INDUCTOR
XF0256-VM100 XFMRS-XF0256-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
logo
Superworld Electronics
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
   TOROIDAL INDUCTOR
logo
MPS Industries, Inc.
P11T80B MPSIND-P11T80B Datasheet
164Kb / 1P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
   TOROIDAL INDUCTOR
XF4706-HPM XFMRS-XF4706-HPM_15 Datasheet
35Kb / 1P
   TOROIDAL INDUCTOR
2XF1406-VP XFMRS-2XF1406-VP Datasheet
39Kb / 1P
   TOROIDAL INDUCTOR
XF0476-VO XFMRS-XF0476-VO Datasheet
61Kb / 1P
   TOROIDAL INDUCTOR
1XF2206-VO XFMRS-1XF2206-VO Datasheet
63Kb / 1P
   TOROIDAL INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com