Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8819BEFA250Z Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8819BEFA250Z
Description  Low Dropout 600mA CMOS Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819BEFA250Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8819BEFA250Z Datasheet HTML 4Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 5Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 6Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 7Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 8Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 9Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 10Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 11Page - Analog Microelectronics AME8819BEFA250Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AME
AME8819
Low Dropout
600mA CMOS Regulator
8
Rev.B.01
n Absolute Maximum Ratings
n Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
-40 to +85
Junction Temperature Range
TJ
-40 to +125
Storage Temperature Range
TSTG
-65 to +150
oC
Parameter
Symbol
Maximum
Unit
Input Voltage
VIN
-0.3 to 6
V
EN Voltage
VEN
-0.3 to 6
V
Output Current
IOUT
PD / (VIN-VOUT)
mA
Output Voltage
VOUT
GND-0.3 to VIN+0.3
V
ESD Classification
B*
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V


Similar Part No. - AME8819BEFA250Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819BEFA250Z AME-AME8819BEFA250Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819BEFA250Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com