Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI453232-121F Datasheet(PDF) 1 Page - Superworld Electronics

Part # WI453232-121F
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232-121F Datasheet(HTML) 1 Page - Superworld Electronics

  WI453232-121F Datasheet HTML 1Page - Superworld Electronics WI453232-121F Datasheet HTML 2Page - Superworld Electronics WI453232-121F Datasheet HTML 3Page - Superworld Electronics WI453232-121F Datasheet HTML 4Page - Superworld Electronics WI453232-121F Datasheet HTML 5Page - Superworld Electronics WI453232-121F Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R10 = 0.10uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A'
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(c) Terminal : Tinned Copper Plate
(d) Capsulate : Epoxy Novolac Molding Compound
3. SCHEMATIC :
(d) Tolerance code : J = ±5%, K = ±10%, M = ±20%
(e) F : Lead Free
WI453232 SERIES
MOLDED WIREWOUND CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
26.02.2009
4.5±0.3
3.2±0.2
3.2±0.2
4.2±0.2
d
a
(b) Wire : Enamelled Copper Wire
Unit:m/m
1.0±0.2
2.2 Ref.
1.6 Ref.
1.5 Ref.
b
1.2±0.2
330
F
E
B
A
F
A'
A
B
CE
F
G
HI
c
W I 4 5 3 2 3 2 - R 1 0 J F
PCB Pattern
I
G
I


Similar Part No. - WI453232-121F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232-121F SUPERWORLD-WI453232-121F Datasheet
263Kb / 5P
   Wire Wound Inductor
More results

Similar Description - WI453232-121F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com