Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI565050-470KF Datasheet(PDF) 2 Page - Superworld Electronics

Part # WI565050-470KF
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI565050-470KF Datasheet(HTML) 2 Page - Superworld Electronics

  WI565050-470KF Datasheet HTML 1Page - Superworld Electronics WI565050-470KF Datasheet HTML 2Page - Superworld Electronics WI565050-470KF Datasheet HTML 3Page - Superworld Electronics WI565050-470KF Datasheet HTML 4Page - Superworld Electronics WI565050-470KF Datasheet HTML 5Page - Superworld Electronics WI565050-470KF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
d) Operating temp. : -40°C to +125°C
a) Temp. rise : 20°C Max.
WI565050 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
16.10.2008
5. GENERAL SPECIFICATION :
f) Rated current : Current cause inductance drop within 10%
MOLDED WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
±10%
27.00
WI565050-270KF
±10%
68.00
WI565050-680KF
WI565050-820KF
82.00 ±10%
WI565050-560KF
WI565050-470KF
WI565050-330KF
WI565050-390KF
56.00
47.00
±10%
±10%
39.00
33.00
±10%
±10%
WI565050-180KF
WI565050-220KF
WI565050-120KF
WI565050-150KF
±10%
18.00
22.00 ±10%
12.00
15.00 ±10%
±10%
WI565050-6R8KF
WI565050-8R2KF
WI565050-100KF
WI565050-5R6KF
±10%
6.80
10.00
8.20
±10%
±10%
5.60 ±10%
10
2.52
440
0.52
11.5
10
2.52
7.0
2.52
10
6.4
2.52
2.52
2.52
2.52
10
10
10
10
7.8
8.5
9.5
10.5
290
1.2
1.4
270
0.85
1.0
0.72
0.62
340
310
400
370
2.52
2.52
2.52
2.52
10
10
10
10
14
13
17
16
2.52
7.96
7.96
7.96
10
10
10
10
24
19
22
26
0.36
0.43
0.25
0.30
530
480
580
630
0.15
0.21
0.18
0.13
810
690
750
880
±10%
4.70
WI565050-4R7KF
( µH )
Part No.
±10%
1.80
WI565050-1R8KF
WI565050-3R3KF
WI565050-3R9KF
WI565050-2R7KF
WI565050-2R2KF
3.90
3.30
±10%
±10%
2.70
2.20
±10%
±10%
WI565050-1R2KF
WI565050-1R5KF
WI565050-1R0KF
1.20 ±10%
1.50 ±10%
1.00 ±10%
Inductance
10
7.96
950
0.11
29
( mA )
(
)
( MHz )
Min.
Frequency
10
7.96
47
7.96
7.96
7.96
7.96
10
10
10
10
32
34
37
42
7.96
7.96
7.96
( MHz )
10
10
10
70
55
Min.
95
1400
0.05
0.09
0.08
0.07
0.06
1050
1120
1300
1200
0.035
0.04
Max.
0.030
1700
1600
1800
Max.
Test
Q
SRF
RDC
IDC


Similar Part No. - WI565050-470KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI565050-470KF-11 SUPERWORLD-WI565050-470KF-11 Datasheet
284Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050-470KF-22 SUPERWORLD-WI565050-470KF-22 Datasheet
284Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050-470KF-55 SUPERWORLD-WI565050-470KF-55 Datasheet
284Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050-470KF-77 SUPERWORLD-WI565050-470KF-77 Datasheet
284Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050-470KF-99 SUPERWORLD-WI565050-470KF-99 Datasheet
284Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI565050-470KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com