Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W4F900-RD-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # W4F900-RD-10
Description  WIREWOUND TYPE COMMON MODE FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W4F900-RD-10 Datasheet(HTML) 2 Page - Superworld Electronics

  W4F900-RD-10 Datasheet HTML 1Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 2Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 3Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 4Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 5Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 6Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 7Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 8Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
b) Storage temp. : -40°C Max. 70% RH
a) Operating temp. : -55°C to +125°C
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
17.06.2008
5. GENERAL SPECIFICATION :
WIREWOUND TYPE COMMON MODE FILTER
W4 SERIES
W4F222-RB-10
W4F601-RC-10
W4F551-RC-10
W4F471-RC-10
W4F431-RC-10
W4F361-RC-10
W4F301-RC-10
W4F281-RC-10
W4F261-RC-10
W4F221-RC-10
W4F181-RC-10
W4F161-RC-10
W4F121-RD-10
W4F900-RD-10
W4F800-RD-10
W4F670-RD-10
W4F300-RD-10
125
300
50
0.60
100
360±25%
2200±25%
600±25%
550±25%
470±25%
430±25%
100
100
1.20
0.80
100
100
100
0.75
0.70
0.60
50
50
50
50
50
200
300
300
300
300
125
125
125
125
125
0.30
100
120±25%
300±25%
280±25%
260±25%
220±25%
180±25%
160±25%
100
100
100
0.50
0.45
0.45
100
100
100
0.45
0.35
0.35
90±25%
80±25%
67±25%
30±25%
100
100
100
0.30
0.30
0.30
100
0.20
125
400
50
50
50
50
50
50
50
300
300
300
300
350
350
125
125
125
125
125
125
50
50
50
50
400
400
400
400
125
125
125
125
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
10M
Part No.
Test
( MHz )
Frequency
(
)
Common mode
Impedance
Rated
Voltage
( Vdc )
( mA )
Max.
DCR
(
)
Current
Rated
Min.
( Vdc )
Withstand
Voltage
IR
(
)


Similar Part No. - W4F900-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W4F900-RD-10 SUPERWORLD-W4F900-RD-10 Datasheet
1Mb / 14P
   Common Mode Filter
More results

Similar Description - W4F900-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
   WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com