Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4K471-RJ-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # Z4K471-RJ-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z4K471-RJ-10 Datasheet(HTML) 5 Page - Superworld Electronics

  Z4K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z4K471-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
04.07.2008
FERRITE CHIP BEADS
Z4 SERIES
Derating Curve
For the ferrite chip bead which withstanding current over 1.5A, as the
operating temperature over 85°C, the derating current information is
necessary to consider with. For the detail derating of current, please
refer to the Derated Current vs. Operating Temperature curve.
8. RELIABILITY & TEST CONDITION :
1A
1.5A
3A
2A
6A
5A
4A
4
5
6
2
3
1
0
Derating
Operating Temperature(¢X
C)
125
85
Operating Temperature(°C)
Low temperature storage test
Thermal Shock
Temperature
Loading at High
Random Vibration Test
Bending Strength
ITEM
Drop
Humidity
Drop
directions (Total 6 hours).
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Step1 : -55±2°C 30±3 min.
Temperature (°C)
Phase
Times (min.)
Drop 10 times on a concrete floor from a
height of 75cm.
Measured : 5 times
1
2
-55±2°C
+125±5°C
a. No mechanical damage
b. Impedance change : ±30%
Duration : 1008±12hrs
Temperature : -55±2°C
Step2 : +125±5°C 30±3 min.
Number of cycles : 5
30±3
30±3
Impedance : Within ±30% of initial value.
Impedance : Within ±30% of initial value.
Drop 10 times on a concrete floor from a
Appearance : No damage.
Appearance : No damage.
height of 75cm.
Duration : 1008±12hrs
Condition for 1 cycle
For Z Series :
Temperature : 40±2°C
Humidity : 90~95% RH.
Duration : 1008±12hrs
Temperature : 125±5°C
Applied Current : rated current
b. Impedance change : ±30%
a. No mechanical damage
P-Kgf
A period of 2 hours in each of 3 mutually perpendicular
Directions & times : X, Y, Z directions for 2 hours.
defects harmful to the characteristics should
Appearance : Cracking, shipping & any other
The ferrite should not be damaged by forces
1.0(0.039)
A
Impedance : Within ±30%
not be allowed.
applied on the right condition.
R0.5(0.02)
Chip
2.5
2.70 (0.106)
Z7
Frequency : 10-55-10Hz for 1 min.
Amplitude : 1.52mm
Z8
Series name
Z3
Z4
Z5
Z6
Z2
1.40 (0.055)
1.0
2.00 (0.079)
2.5
0.80 (0.033)
mm (inches)
0.3
PERFORMANCE
TEST CONDITION


Similar Part No. - Z4K471-RJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z4K471-RJ-10 SUPERWORLD-Z4K471-RJ-10 Datasheet
291Kb / 7P
   Ferrite Chip Bead ??Z4 Large Current Application Series
More results

Similar Description - Z4K471-RJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com