Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC821ADW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC821ADW
Description  10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC821ADW Datasheet(HTML) 8 Page - Texas Instruments

  SN74LVC821ADW Datasheet HTML 1Page - Texas Instruments SN74LVC821ADW Datasheet HTML 2Page - Texas Instruments SN74LVC821ADW Datasheet HTML 3Page - Texas Instruments SN74LVC821ADW Datasheet HTML 4Page - Texas Instruments SN74LVC821ADW Datasheet HTML 5Page - Texas Instruments SN74LVC821ADW Datasheet HTML 6Page - Texas Instruments SN74LVC821ADW Datasheet HTML 7Page - Texas Instruments SN74LVC821ADW Datasheet HTML 8Page - Texas Instruments SN74LVC821ADW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SN74LVC821A
10-BIT BUS-INTERFACE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS304F – MARCH 1993 – REVISED JUNE 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.7 V AND 3.3 V ± 0.3 V
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
0 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
0 V
2.7 V
0 V
1.5 V
1.5 V
tw
Input
2.7 V
2.7 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 3. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVC821ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC821ADW TI-SN74LVC821ADW Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADW TI1-SN74LVC821ADW Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADWG4 TI1-SN74LVC821ADWG4 Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADWR TI-SN74LVC821ADWR Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADWR TI1-SN74LVC821ADWR Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC821ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI1-SN74LVC821A_15 Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29822 TI1-SN74BCT29822 Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
CD74FCT821A TI1-CD74FCT821A_13 Datasheet
223Kb / 9P
[Old version datasheet]   BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com