Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD-5422S Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSD-5422S
Description  0.54 Inch Dual Digit Alphanumeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5422S Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSD-5422S Datasheet HTML 1Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 2Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 3Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 4Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 5Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.54 inch (13.8 mm) digit height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
CSD-5422S
2. Case mold type.
Model No CSD-5422S/5423S
Part No.
PS-ND-0712
A
Common Anode
Description
http://www.csctw.com.tw
Material
Emitted Color
Chip
CSD-5423S
AlGaAs
Super-Bright Red
Common Cathode


Similar Part No. - CSD-5422S

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
More results

Similar Description - CSD-5422S

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422T9 CHINASEMI-CSD-5422T9 Datasheet
201Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422V9 CHINASEMI-CSD-5422V9 Datasheet
193Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com