Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH16245A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH16245A
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH16245A Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVCH16245A Datasheet HTML 1Page - Texas Instruments SN74LVCH16245A Datasheet HTML 2Page - Texas Instruments SN74LVCH16245A Datasheet HTML 3Page - Texas Instruments SN74LVCH16245A Datasheet HTML 4Page - Texas Instruments SN74LVCH16245A Datasheet HTML 5Page - Texas Instruments SN74LVCH16245A Datasheet HTML 6Page - Texas Instruments SN74LVCH16245A Datasheet HTML 7Page - Texas Instruments SN74LVCH16245A Datasheet HTML 8Page - Texas Instruments SN74LVCH16245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74LVCH16245A
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES063G – DECEMBER 1995 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –4 mA
1.65 V
1.2
VOH
IOH = –8 mA
2.3 V
1.7
V
VOH
IOH =12 mA
2.7 V
2.2
V
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
Control inputs
VI = 0 to 5.5 V
3.6 V
±5
µA
VI = 0.58 V
165 V
VI = 1.07 V
1.65 V
VI = 0.7 V
23 V
45
II(hold) A or B ports
VI = 1.7 V
2.3 V
–45
µA
()
VI = 0.8 V
3V
75
VI = 2 V
3 V
–75
VI = 0 to 3.6 V§
3..6 V
±500
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ¶
VO = 0 to 5.5 V
3.6 V
±10
µA
ICC
VI = VCC or GND
IO =0
36 V
20
µA
ICC
3.6 V
≤ VI ≤ 5.5 V#
IO = 0
3.6 V
20
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at
VCC or GND
2.7 V to 3.6 V
500
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
7.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This information was not available at the time of publication.
§ This is the bus-hold maximum dynamic current required to switch the input from one state to another.
¶ For I/O ports, the parameter IOZ includes the input leakage current, but not II(hold).
# This applies in the disabled state only.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
4.7
1
4
ns
ten
OE
A or B
6.7
1.5
5.5
ns
tdis
OE
A or B
7.1
1.5
6.6
ns
tsk(o)||
1
ns
‡ This information was not available at the time of publication.
|| Skew between any two outputs of the same package switching in the same direction


Similar Part No. - SN74LVCH16245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16245A TI-SN74LVCH16245A Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245ADGGR TI-SN74LVCH16245ADGGR Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245ADGVR TI-SN74LVCH16245ADGVR Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245ADL TI-SN74LVCH16245ADL Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245ADLG4 TI-SN74LVCH16245ADLG4 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH16245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com