Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63860-7500 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 63860-7500
Description  2.00mm (.079") Pitch Sherlock?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

63860-7500 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  63860-7500 Datasheet HTML 1Page - Molex Electronics Ltd. 63860-7500 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES AND BENEFITS
SPECIFICATIONS
2.00mm (.079") Pitch
Sherlock™
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http: //www.molex.com/product/wb/sherlock.html
Order No. USA-236
Printed in USA/7.5K/JI/JI/2004.04
©2004, Molex
I Four-point contact design for greater reliability
I Anti-fishhooking contact design eliminates tangling of
crimped leads during cable assembly
I Locking tang on contact for secure retention to the
housing
I Positive lock on receptacle housing insures secure
retention when mated to headers
I Overstress feature protects the locking latch
I Pull tabs enable easy unmating and/or overmolding
I Polarized mating geometry insures headers and
receptacles cannot be mismated
I Optional locating peg on vertical headers to insure
proper orientation on PCB
I Coined solder tails for PCB retention during wave
soldering
I Fully shrouded headers with guide ramp protects pins
and aids mating
I Lead-free plating
Reference Information
Recommended Wire Style: UL 1007
UL File No.: E29179
CSA File No.: LR19980
RoHS Compliant
Electrical
Current: 2.0A max
Voltage: 125V
Contact Resistance: 20 milliohms max.
Dielectric Withstanding Voltage: 500V
Insulation Resistance: 1000 Megohms min.
Mechanical
Mating Force (5 Circuit Parts): 11.8N max.
Unmating Force (5 Circuit Parts): 0.66N min.
Durability: 30 Cycles
Physical
Housing: Polyester, UL 94V-0
Header: Polyamide, UL 94V-0
Terminal: Phosphor Bronze
Pin: Brass
Plating: Lead-free Tin
Operating Temperature: -40 to +105°C
Pull Tabs
Fully Shrouded
Header
Polarizing
Peg
Coined
Solder Tails
Guide
Ramp
Positive
Lock
Polarized
Mating Geometry


Similar Part No. - 63860-7500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63860-7500 MOLEX11-63860-7500 Datasheet
41Kb / 1P
   Punch
63860-7500 MOLEX11-63860-7500 Datasheet
30Kb / 1P
   Application Tooling
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com