Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD-S20241M9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSD-S20241M9
Description  0.2 Inch Dual Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-S20241M9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSD-S20241M9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-S20241M9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-S20241M9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-S20241M9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-S20241M9 Datasheet HTML 5Page - China Semiconductor Corporation CSD-S20241M9 Datasheet HTML 6Page - China Semiconductor Corporation CSD-S20241M9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
Peak Current Per Dice(duty cycle 1/10,1KHz)
IPF
mA
-
mA/
VR
V
Topr
Tstg
Note:Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Electro-optical Characteristics -
Symbol
Min.
Typ.
Max.
Unit
VF
-
2.1
2.8
V
Iv
2.4
6
-
mcd
P
-
572
-
nm
-
20
-
nm
IR
-
-
100
A
IV-m
-
-
2:1
.
Page
3/6
IF=10mA
Luminous Intensity Matching Ratio
IF=10mA
http://www.csctw.com.tw
PS-DD-S20240/S20241M9
5
Rating
-40 ~ +105
70
Model No CSD-S20240/S20241M9
Parameter
Continuous Forward Current Per Dice
Reverse Voltage Per Dice
Power Dissipation Per Dice
25
90
Derating Linear From 25
Per Dice
Operating Temp.
A
(Ta=25 )
Condition
-40 ~ +105
0.33
IF=20mA
VR=5V
IF=20mA
IF=20mA
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
Reverse Current
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Storage Temp.


Similar Part No. - CSD-S20241M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S20241A9 CHINASEMI-CSD-S20241A9 Datasheet
254Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241B7 CHINASEMI-CSD-S20241B7 Datasheet
244Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241G CHINASEMI-CSD-S20241G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241G CHINASEMI-CSD-S20241G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241S CHINASEMI-CSD-S20241S Datasheet
249Kb / 7P
   0.2 Inch Dual Digit SMD Display
More results

Similar Description - CSD-S20241M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S20240V9 CHINASEMI-CSD-S20240V9 Datasheet
245Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240A9 CHINASEMI-CSD-S20240A9 Datasheet
254Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240T9 CHINASEMI-CSD-S20240T9 Datasheet
250Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240G CHINASEMI-CSD-S20240G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240S CHINASEMI-CSD-S20240S Datasheet
249Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240G CHINASEMI-CSD-S20240G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240B7 CHINASEMI-CSD-S20240B7 Datasheet
244Kb / 7P
   0.2 Inch Dual Digit SMD Display
logo
Quelighting Corp
QLCDDD201YG-315 QUELIGHTING-QLCDDD201YG-315 Datasheet
754Kb / 10P
   0.2 inch SMD Digit Display
1.0 06--2021
logo
China Semiconductor Cor...
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com