Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74741-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74741-0001
Description  1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74741-0001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74741-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74741-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 74741-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 74741-0001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SFP 1000BASE-T RJ-45 FEATURES
SFP Mode
When the internal Gigabit Ethernet transceiver (PHY)
is configured to SFP mode, the PHY interfaces directly
with the host serial/deserial (SERDES) interface. The
host interface transmits and receives serial data
differentially at 1.25Gbps. The copper interface is full
featured and advertises full/half duplex, and
1000Base-T wire speed.
Auto-Negotiation
The CAT-5 copper link negotiates according to the IEEE
802.3 Clause 28, and the SERDES interface negotiates
using Clause 37. The two interfaces advertise
1000Base-T full-duplex, and master/slave
relationships. The master establishes the time control
from its local clock source. The slave however recovers
the clock from the received data stream. The SFP
application is limited to 1000Base-T wire speed only.
Auto-Negotiation on the SERDES link is always
restarted when a change is detected on copper link.
The SFP 1000Base-T features a Serial Interface
(SerDes) Auto-Negotiation Bypass mode. This mode
disables auto-negotiation after 200ms of unsuccessful
attempts with the host, without the need for manually
configuring the auto-negotiation parameters. The
Molex SFP 1000Base-T module will transmit data with
auto-negotiation disabled.
Automatic MDI Crossover
The SFP 1000Base-T transceiver performs a MDI
crossover during Auto-Negotiation eliminating the
need for crossover cables or cross-wired (MDIX) ports.
Automatic Polarity Correction
Should the polarity of receive signals inadvertently
become reversed, the SFP 1000Base-T will
automatically correct them based on the sequence of
idle signals received
Auto Power Savings Mode
When the copper link is lost, the SFP automatically
enters a low power mode reducing the chip power
requirements. Full power mode resumes once the
copper link is re-established.
Serial ID
Serial identification is implemented on the SFP
1000Base-T transceiver. The serial protocol uses a
two-wire I2C interface.
Software Reconfigurable
The SFP 1000Base-T is hardware configured on power-
up. The configuration can be changed by a register
write via a two-wire bus (I2C) at any time. For further
detail, refer to the Molex SFP 1000Base-T software
configuration application note.
1000Base-T RJ-45 Gigabit
Ethernet SFP Copper
Transceiver
74741
AUTO-NEGOTIATION SUMMARY
Auto-Negotiation Features Implemented:
General:
SERDES Auto-Negotiation is restarted when a change
is detected on the copper link
Auto power savings mode when copper link is lost
Copper RJ-45 Interface:
Auto-Negotiation
Copper SFP speed 1000Base-T
Full duplex
Automatic MDI Crossover
Master/slave relationships
Pause flow control
Software reconfigurable
Host SERDES Interface:
Differential SERDES interface at 1.25Gpbs
Master/slave relationships
SERDES recovers the clock from the received data
stream
Pause flow control


Similar Part No. - 74741-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74741-0005 MOLEX11-74741-0005 Datasheet
77Kb / 1P
   1000 BASE-T SFP ADAPTER SALES DRAWING
More results

Similar Description - 74741-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com