Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD-S30228A9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSD-S30228A9
Description  0.3 Inch Dual Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-S30228A9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSD-S30228A9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-S30228A9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-S30228A9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-S30228A9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-S30228A9 Datasheet HTML 5Page - China Semiconductor Corporation CSD-S30228A9 Datasheet HTML 6Page - China Semiconductor Corporation CSD-S30228A9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
Peak Current Per Dice(duty cycle 1/10,1KHz)
IPF
mA
-
mA/
VR
V
Topr
Tstg
Note:Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Electro-optical Characteristics -
Symbol
Min.
Typ.
Max.
Unit
VF
-
2.0
2.8
V
Iv
6
15
-
mcd
P
-
612
-
nm
-
20
-
nm
IR
-
-
100
A
IV-m
-
-
2:1
.
Page
3/6
IF=10mA
http://www.csctw.com.tw
IF=10mA
Continuous Forward Current Per Dice
-40 ~ +105
Operating Temp.
Reverse Voltage Per Dice
25
90
Derating Linear From 25
Per Dice
PS-DD-S30228/S30229A9
5
Reverse Current
Peak Emission Wavelength
Model No CSD-S30228/S30229A9
Parameter
Rating
Power Dissipation Per Dice
70
0.33
A
(Ta=25 )
Condition
IF=20mA
VR=5V
IF=20mA
IF=20mA
Parameter
-40 ~ +105
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
Luminous Intensity Matching Ratio
Storage Temp.


Similar Part No. - CSD-S30228A9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S30228B7 CHINASEMI-CSD-S30228B7 Datasheet
238Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228G CHINASEMI-CSD-S30228G Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228M9 CHINASEMI-CSD-S30228M9 Datasheet
241Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228S CHINASEMI-CSD-S30228S Datasheet
243Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228T9 CHINASEMI-CSD-S30228T9 Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
More results

Similar Description - CSD-S30228A9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S30228M9 CHINASEMI-CSD-S30228M9 Datasheet
241Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228V9 CHINASEMI-CSD-S30228V9 Datasheet
236Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228B7 CHINASEMI-CSD-S30228B7 Datasheet
238Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228G CHINASEMI-CSD-S30228G Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228S CHINASEMI-CSD-S30228S Datasheet
243Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228T9 CHINASEMI-CSD-S30228T9 Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
CST-S30320A9 CHINASEMI-CST-S30320A9 Datasheet
258Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CSS-S30120V9 CHINASEMI-CSS-S30120V9 Datasheet
231Kb / 7P
   0.3 Inch Single Digit SMD Display
CSS-S30120B7 CHINASEMI-CSS-S30120B7 Datasheet
234Kb / 7P
   0.3 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com