Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31402-2200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31402-2200
Description  MX64 Single Row Sealed Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

31402-2200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31402-2200 Datasheet HTML 1Page - Molex Electronics Ltd. 31402-2200 Datasheet HTML 2Page - Molex Electronics Ltd. 31402-2200 Datasheet HTML 3Page - Molex Electronics Ltd. 31402-2200 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
APPLICATIONS
2.54mm (.100”) Pitch
MX64 Single Row
Sealed Connectors
31402, 31403, 31404
Small and compact, the MX64 single row female connectors
set the standard for 2.54mm (.100”) pitch sealed
connectors. Available sizes include the 1-by-2, 1-by-3,
1-by-4, 1-by-5, 1-by-6 and 1-by-8. These connectors also
allow for the greatest level of flexibility by accommodating
three different female terminal systems. These include the
GET female terminal (Series 34230), commonly used at Ford
Motor Company, the Kaizen female terminal, commonly used
at General Motors and the MX64 female terminals (Series
33467 and 33468), commonly used at Daimlier Chrysler
and the general market. In addition, by working with USCAR
to optimize the overall size of these connectors, Molex tooled
the 1-by-4, 1-by-5, 1-by-6 and 1-by-8 parts to the USCAR-
defined Z02 footprint resulting in up to a 25% size reduction
in the mating interfaces.
For additional information on USCAR footprints and
performance specifications, visit the USCAR website at
www.USCARTEAMS.org.
Reference Information
Packaging: Bulk
Mates With: Sensors, other USCAR interfaces
Designed In: Millimeters
Recommended Automotive Applications:
31402 (Ford Motor)
31403 (Daimler Chrysler/General Market)
31404 (General Motors)
Electrical
Voltage: 250V
Current: 0.64mm (.025”) Terminals – 7.0 to 10.0A
(depending on manufacturer of female terminals)
Dielectric Withstanding Voltage: DC500V
Resistance: 100 M min.
Isolation: 20 M min.
Mechanical
Insertion Force: Less than 75N (16.9 lb) per connector
Unmate Efforts: Less than 75N (16.9 lb) per connector
Connector Lock Strength: 110N (24.7 lb) min.
Female Terminal Retention: Greater than 75N (16.9) with
the TPA engaged
Physical
Terminal Pitch:
Horizontal 2.54mm (.100”);
Vertical 2.54mm (.100”)
Housing: PBT + 30% Glass Filled
Female Terminals:
For 31402 Series use 34230 GET, Tin Plated
For 31403 Series use 33467 MX64, Gold Plated
or 33468 MX64, Tin plated
For 31404 Series, terminals are manufactured by Yazaki
Operating Temperature:
USCAR Class III -40 to +125°C
Features and Benefits
I Meets all USCAR footprints and testing requirements for
0.64mm (.025”) pitch square pin connector systems in
compliance with OEM directives
I Ability to accommodate Ford, GM or DCX approved
female terminals provides design flexibility
I Matte seal design eliminates secondary operation and
costs associated with cable seals
I Available with or without CPA for added locking
protection when CPA is used
I Accommodates 18-22 AWG wire and metric wires to
support US or offshore wire requirements
I Circuit sizes 1-by-4,1-by-5,1-by-6 and 1-by-8 meet the
USCAR Z02 optimized footprints and are up to 25%
smaller in size as compared to the Z01 footprints
I Four polarization options available protect against
mis-mating
I Special polarization color (black) in B,C,D configurations
is available for use when earth-toned connectors (black,
brown and gray) are used in high visibility packaging
area
MX64 Single Row Female Connectors Are Designed to USCAR-Approved Footprints and Meet
USCAR Testing Requirements
I Automotive
- Sensors
I Commercial
- Sensors
Color Coded
Polarization Options


Similar Part No. - 31402-2200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31402-2200 MOLEX11-31402-2200 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results

Similar Description - 31402-2200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31403-2210 MOLEX11-31403-2210 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-2600 MOLEX11-31403-2600 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3710 MOLEX11-31403-3710 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-3100 MOLEX11-31402-3100 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6110 MOLEX11-31404-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-2710 MOLEX11-31402-2710 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-6110 MOLEX11-31402-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3700 MOLEX11-31403-3700 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-6110 MOLEX11-31403-6110 Datasheet
55Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com