Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31404-2210 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 31404-2210
Description  MX64 Single Row Sealed Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

31404-2210 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  31404-2210 Datasheet HTML 1Page - Molex Electronics Ltd. 31404-2210 Datasheet HTML 2Page - Molex Electronics Ltd. 31404-2210 Datasheet HTML 3Page - Molex Electronics Ltd. 31404-2210 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ORDERING INFORMATION
2.54mm (.100”) Pitch
MX64 Single Row
Sealed Connectors
31402, 31403, 31404
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/auto/mx64.html
Order No. USA-274
Printed in USA/JI/2004.11
©2004, Molex
Order No.
Description
Color
Terminal System Used
31402-6100
1x6 Polorization A without CPA
Black
GET 34230 Series
31402-6200
1x6 Polorization B without CPA
Gray
GET 34230 Series
31402-6300
1x6 Polorization C without CPA
Brown
GET 34230 Series
31402-6400
1x6 Polorization D without CPA
Green
GET 34230 Series
31402-6110
1x6 Polorization A with CPA
Black
GET 34230 Series
31402-6210
1x6 Polorization B with CPA
Gray
GET 34230 Series
31402-6310
1x6 Polorization C with CPA
Brown
GET 34230 Series
31402-6410
1x6 Polorization D with CPA
Green
GET 34230 Series
31403-6100
1x6 Polorization A without CPA
Black
MX64 33467/33468 Series
31403-6200
1x6 Polorization B without CPA
Gray
MX64 33467/33468 Series
31403-6300
1x6 Polorization C without CPA
Brown
MX64 33467/33468 Series
31403-6400
1x6 Polorization D without CPA
Green
MX64 33467/33468 Series
31403-6110
1x6 Polorization A with CPA
Black
MX64 33467/33468 Series
31403-6210
1x6 Polorization B with CPA
Gray
MX64 33467/33468 Series
31403-6310
1x6 Polorization C with CPA
Brown
MX64 33467/33468 Series
31403-6410
1x6 Polorization D with CPA
Green
MX64 33467/33468 Series
31404-6100
1x6 Polorization A without CPA
Black
Kaizen
31404-6200
1x6 Polorization B without CPA
Gray
Kaizen
31404-6300
1x6 Polorization C without CPA
Brown
Kaizen
31404-6400
1x6 Polorization D without CPA
Green
Kaizen
31404-6110
1x6 Polorization A with CPA
Black
Kaizen
31404-6210
1x6 Polorization B with CPA
Gray
Kaizen
31404-6310
1x6 Polorization C with CPA
Brown
Kaizen
31404-6410
1x6 Polorization D with CPA
Green
Kaizen
Order No.
Description
Color
Terminal System Used
31402-8100
1x8 Polorization A without CPA
Black
GET 34230 Series
31402-8200
1x8 Polorization B without CPA
Gray
GET 34230 Series
31402-8300
1x8 Polorization C without CPA
Brown
GET 34230 Series
31402-8400
1x8 Polorization D without CPA
Green
GET 34230 Series
31402-8110
1x8 Polorization A with CPA
Black
GET 34230 Series
31402-8210
1x8 Polorization B with CPA
Gray
GET 34230 Series
31402-8310
1x8 Polorization C with CPA
Brown
GET 34230 Series
31402-8410
1x8 Polorization D with CPA
Green
GET 34230 Series
31403-8100
1x8 Polorization A without CPA
Black
MX64 33467/33468 Series
31403-8200
1x8 Polorization B without CPA
Gray
MX64 33467/33468 Series
31403-8300
1x8 Polorization C without CPA
Brown
MX64 33467/33468 Series
31403-8400
1x8 Polorization D without CPA
Green
MX64 33467/33468 Series
31403-8110
1x8 Polorization A with CPA
Black
MX64 33467/33468 Series
31403-8210
1x8 Polorization B with CPA
Gray
MX64 33467/33468 Series
31403-8310
1x8 Polorization C with CPA
Brown
MX64 33467/33468 Series
31403-8410
1x8 Polorization D with CPA
Green
MX64 33467/33468 Series
31404-8100
1x8 Polorization A without CPA
Black
Kaizen
31404-8200
1x8 Polorization B without CPA
Gray
Kaizen
31404-8300
1x8 Polorization C without CPA
Brown
Kaizen
31404-8400
1x8 Polorization D without CPA
Green
Kaizen
31404-8110
1x8 Polorization A with CPA
Black
Kaizen
31404-8210
1x8 Polorization B with CPA
Gray
Kaizen
31404-8310
1x8 Polorization C with CPA
Brown
Kaizen
31404-8410
1x8 Polorization D with CPA
Green
Kaizen
1-by-6 Connectors
1-by-8 Connectors


Similar Part No. - 31404-2210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31404-3110 MOLEX11-31404-3110 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3200 MOLEX4-31404-3200 Datasheet
720Kb / 6P
   2.54mm (.100") MX64??Sealed Single Row Crimp Housing, Kaizan Terminal, Gray, 3Circuits, Mating Part: Keying B, Lock None
31404-3200 MOLEX11-31404-3200 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3710 MOLEX11-31404-3710 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results

Similar Description - 31404-2210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31403-2210 MOLEX11-31403-2210 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-2600 MOLEX11-31403-2600 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3710 MOLEX11-31403-3710 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-3100 MOLEX11-31402-3100 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6110 MOLEX11-31404-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-2710 MOLEX11-31402-2710 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-6110 MOLEX11-31402-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3700 MOLEX11-31403-3700 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-6110 MOLEX11-31403-6110 Datasheet
55Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com