Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74SSTL16857 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74SSTL16857
Description  14-BIT SSTL_2 REGISTERED BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTL16857 Datasheet(HTML) 6 Page - Texas Instruments

  SN74SSTL16857 Datasheet HTML 1Page - Texas Instruments SN74SSTL16857 Datasheet HTML 2Page - Texas Instruments SN74SSTL16857 Datasheet HTML 3Page - Texas Instruments SN74SSTL16857 Datasheet HTML 4Page - Texas Instruments SN74SSTL16857 Datasheet HTML 5Page - Texas Instruments SN74SSTL16857 Datasheet HTML 6Page - Texas Instruments SN74SSTL16857 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN74SSTL16857
14-BIT SSTL_2 REGISTERED BUFFER
SCAS625C – FEBRUARY 1999 – REVISED OCTOBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V AND VCC = 3.3 V ± 0.3 V
tPHL
tPLH
LOAD CIRCUIT
VREF†
VIH‡
VIL§
VREF†
VREF†
VIH‡
VIL§
VIH‡
VIL§
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VREF†
VREF†
VTT
VIL§
VIL§
VIH‡
VTT
VIH‡
Output
Control
VREF†
VREF†
VIH‡
VIL§
VREF†
VREF†
VOH
VOL
Input
Output
25
CL= 30 pF
(see Note A)
Test
Point
VTT
VREF†
25
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
VIL§
VIH‡
† VREF = VDDQ/2
‡ VIH = VREF + 350 mV (AC voltage levels)
§ VIL = VREF – 350 mV (AC voltage levels)
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 1.25 ns/V,
tf ≤ 1.25 ns/V.
D. The outputs are measured one at a time with one transition per measurement.
E. VTT = VREF = VDDQ/2
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
Timing
Input
Data
Input
VREF†
tsu
th
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74SSTL16857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTL16837 TI-SN74SSTL16837 Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837ADGG TI-SN74SSTL16837ADGG Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16847 TI-SN74SSTL16847 Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
SN74SSTL16847DGG TI-SN74SSTL16847DGG Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74SSTL16857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
   14-Bit Registered Buffer
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
   14-Bit Registered Buffer
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com