Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74SSTL16857 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74SSTL16857
Description  14-BIT SSTL_2 REGISTERED BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTL16857 Datasheet(HTML) 1 Page - Texas Instruments

  SN74SSTL16857 Datasheet HTML 1Page - Texas Instruments SN74SSTL16857 Datasheet HTML 2Page - Texas Instruments SN74SSTL16857 Datasheet HTML 3Page - Texas Instruments SN74SSTL16857 Datasheet HTML 4Page - Texas Instruments SN74SSTL16857 Datasheet HTML 5Page - Texas Instruments SN74SSTL16857 Datasheet HTML 6Page - Texas Instruments SN74SSTL16857 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74SSTL16857
14-BIT SSTL_2 REGISTERED BUFFER
SCAS625C – FEBRUARY 1999 – REVISED OCTOBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Supports SSTL_2 Signal Data Inputs and
Outputs
D Supports LVTTL Switching Levels on the
RESET Pin
D Differential CLK Signal
D Flow-Through Architecture Optimizes PCB
Layout
D Meets SSTL_2 Class II Specifications
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Packaged in Plastic Thin Shrink
Small-Outline Package
description
This 14-bit registered buffer is designed for 2.3-V
to 3.6-V VCC operation and SSTL_2 data input
and output levels.
All inputs are compatible with the JEDEC
Standard for SSTL_2, except the LVCMOS reset
(RESET) input. All outputs are SSTL_2, Class II
compatible.
When RESET is low, the differential input receivers are disabled, and undriven (floating) data and clock inputs
are allowed. In addition, when RESET is low, all registers are reset, and all outputs are forced low. The LVCMOS
RESET input must always be held at a valid logic high or low level.
To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in
the low state during power up.
The SN74SSTL16857 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
RESET
CLK
CLK
D
Q
L
X
X
X
L
H
↓↑
HH
H
↓↑
LL
H
L or H
L or H
X
Q0
Copyright
© 1999, Texas Instruments Incorporated
Widebus is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Q1
Q2
GND
VDDQ
Q3
Q4
Q5
GND
VDDQ
Q6
Q7
VDDQ
GND
Q8
Q9
VDDQ
GND
Q10
Q11
Q12
VDDQ
GND
Q13
Q14
D1
D2
GND
VCC
D3
D4
D5
D6
D7
CLK
CLK
VCC
GND
VREF
RESET
D8
D9
D10
D11
D12
VCC
GND
D13
D14


Similar Part No. - SN74SSTL16857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTL16837 TI-SN74SSTL16837 Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837ADGG TI-SN74SSTL16837ADGG Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16847 TI-SN74SSTL16847 Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
SN74SSTL16847DGG TI-SN74SSTL16847DGG Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74SSTL16857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
   14-Bit Registered Buffer
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
   14-Bit Registered Buffer
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com