Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC3010DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74TVC3010DW
Description  10-BIT VOLTAGE CLAMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74TVC3010DW Datasheet HTML 1Page - Texas Instruments SN74TVC3010DW Datasheet HTML 2Page - Texas Instruments SN74TVC3010DW Datasheet HTML 3Page - Texas Instruments SN74TVC3010DW Datasheet HTML 4Page - Texas Instruments SN74TVC3010DW Datasheet HTML 5Page - Texas Instruments SN74TVC3010DW Datasheet HTML 6Page - Texas Instruments SN74TVC3010DW Datasheet HTML 7Page - Texas Instruments SN74TVC3010DW Datasheet HTML 8Page - Texas Instruments SN74TVC3010DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088A – APRIL 1999 – REVISED JUNE 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VBIAS = 0,
II = –18 mA
–1.2
V
VOL
IREF = 5 mA,
VDPU = 2.625 V,
VREF = 1.365 V,
RDPU = 150 Ω,
VS = 0.175 V,
(see Figure 1)
350
mV
Ci(GATE)
VI = 3 V or 0
24
pF
Cio(OFF)
VO = 3 V or 0
4
12
pF
Cio(ON)
VO = 3 V or 0
12
30
pF
ron‡
IREF = 5 mA,
VDPU = 2.625 V,
VREF = 1.365 V,
RDPU = 150 Ω,
VS = 0.175 V,
(see Figure 1)
12.5
† All typical values are at TA = 25°C.
‡ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lowest voltage of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range,
VDPU = 2.36 V to 2.64 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
AorB
BorA
0
4
ns
tPHL
A or B
B or A
0
4
ns


Similar Part No. - SN74TVC3010DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3010DW TI-SN74TVC3010DW Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DW TI1-SN74TVC3010DW Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWE4 TI-SN74TVC3010DWE4 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWG4 TI-SN74TVC3010DWG4 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWR TI-SN74TVC3010DWR Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC3010DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com