Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC16222DGVR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74TVC16222DGVR
Description  22-BIT VOLTAGE CLAMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222DGVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74TVC16222DGVR Datasheet HTML 1Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 2Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 3Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 4Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 5Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 6Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 7Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 8Page - Texas Instruments SN74TVC16222DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPLHREF
tPHLREF
2.5 V
0 V
2.5 V
VOL
Input
Tester
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
Reference
TESTER CALIBRATION SETUP (see Note C)
VOL
Output
Device
Under Test
tPLHDUT
tPLH
(see Note D)
tPHLDUT
tPHL
(see Note E)
2.5 V
200 k
3.3 V
RDPU =
150
Open-Drain
Test Interface
Motherboard
Interface
2
A1 (VREF)
1
GATE
48
B1 (VBIAS)
47
VDPU
TVC16222A
NOTES: A. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
B. The outputs are measured one at a time, with one transition per measurement.
C. Test procedure: tPLHREF and tPHLREF are obtained by measuring the propagation delay of a reference measuring point.
tPLHDUT and tPHLDUT are obtained by measuring the propagation delay of the device under test.
D. tPLH = tPLHDUT − tPLHREF
E. tPHL = tPHLDUT − tPHLREF
B2
46
RDPU =
150
RDPU =
150
RDPU =
150
B3
45
B4
44
B23
25
3
A2 (VS)
4
A3 (VS)
5
A4 (VS)
24
A23 (VS)
1.25 V
1.25 V
1.25 V
1.25 V
1.25 V
1.25 V
††
§§
§
§
Output tested
Output reference
Input tested
§
DEFINITION
SYMBOL
GATE
Figure 1. Tester Calibration Setup and Voltage Waveforms


Similar Part No. - SN74TVC16222DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222DGVR TI-SN74TVC16222DGVR Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DGVR TI-SN74TVC16222DGVR Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DGVR TI1-SN74TVC16222DGVR Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC16222DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com