Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75150D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75150D
Description  DUAL LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75150D Datasheet(HTML) 5 Page - Texas Instruments

  SN75150D Datasheet HTML 1Page - Texas Instruments SN75150D Datasheet HTML 2Page - Texas Instruments SN75150D Datasheet HTML 3Page - Texas Instruments SN75150D Datasheet HTML 4Page - Texas Instruments SN75150D Datasheet HTML 5Page - Texas Instruments SN75150D Datasheet HTML 6Page - Texas Instruments SN75150D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN75150
DUAL LINE DRIVER
SLLS081C – JANUARY 1971 – REVISED JUNE 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tTLH
tTHL
Pulse
Generator
(see Note A)
Output
CL
(see Note B)
VCC +
3 V
VCC –
RL
TEST CIRCUIT
90%
50%
10%
≤ 10 ns
50
µs
tPHL
tPLH
3 V
– 3 V
– 3 V
3 V
3 V
0 V
VOH
VOL
Output
≤ 10 ns
50%
90%
10%
Input
NOTES: A. The pulse generator has the following characteristics: duty cycle
≤ 50%, ZO ≈ 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75150D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150D TI1-SN75150D Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75150DG4 TI1-SN75150DG4 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75150DR TI1-SN75150DR Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75150DRE4 TI1-SN75150DRE4 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75150D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
   Dual Line Driver
logo
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com