Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75174N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75174N
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75174N Datasheet(HTML) 8 Page - Texas Instruments

  SN75174N Datasheet HTML 1Page - Texas Instruments SN75174N Datasheet HTML 2Page - Texas Instruments SN75174N Datasheet HTML 3Page - Texas Instruments SN75174N Datasheet HTML 4Page - Texas Instruments SN75174N Datasheet HTML 5Page - Texas Instruments SN75174N Datasheet HTML 6Page - Texas Instruments SN75174N Datasheet HTML 7Page - Texas Instruments SN75174N Datasheet HTML 8Page - Texas Instruments SN75174N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SN75174
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS039B – OCTOBER 1980 – REVISED MAY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Grounded
Inputs
90
80
70
60
50
40
30
20
10
7
6
5
4
3
2
1
0
8
100
0
TA = 25°C
Outputs Enabled
No Load
Inputs Open
Figure 10
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
25
20
15
10
5
7
6
5
4
3
2
0
8
30
0
Outputs Disabled
TA = 25°C
Input Open
No Load
1
APPLICATION INFORMATION
1/4 SN75175
1/4 SN75174
RS-485 Unit Loads
Up to 32
1/4 SN75174
1/4 SN75173
1/4 SN75172
1/4 SN75173
1/4 SN75173
1/4 SN75172
RT
RT
NOTE: The line length should be terminated at both ends in its characteristic impedance (RT = ZO). Stub lengths off the main line should be
kept as short as possible.
Figure 11. Typical Application Circuit


Similar Part No. - SN75174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174N TI-SN75174N Datasheet
915Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75174NE4 TI-SN75174NE4 Datasheet
915Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com