Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75176 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75176
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176 Datasheet(HTML) 5 Page - Texas Instruments

  SN75176 Datasheet HTML 1Page - Texas Instruments SN75176 Datasheet HTML 2Page - Texas Instruments SN75176 Datasheet HTML 3Page - Texas Instruments SN75176 Datasheet HTML 4Page - Texas Instruments SN75176 Datasheet HTML 5Page - Texas Instruments SN75176 Datasheet HTML 6Page - Texas Instruments SN75176 Datasheet HTML 7Page - Texas Instruments SN75176 Datasheet HTML 8Page - Texas Instruments SN75176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VIH = 2 V,
VIL = 0.8 V,
37
V
VOH
High-level output voltage
IH
,
IOH = – 33 mA
IL
,
3.7
V
VOL
Low level output voltage
VIH = 2 V,
VIL = 0.8 V,
11
V
VOL
Low-level output voltage
IH
,
IOH = 33 mA
IL
,
1.1
V
|VOD1|
Differential output voltage
IO = 0
2VOD2
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
2
2.7
V
|VOD2|
Differential output voltage
RL = 54 Ω,
See Figure 1
1.5
2.4
V
∆|VOD|
Change in magnitude of differential output voltage ‡
±0.2
V
VOC
Common-mode output voltage§
RL = 54 Ω or 100 Ω,
See Figure 1
3
V
∆|VOC|
Change in magnitude of common-mode output
±02
V
∆|VOC|
gg
voltage ‡
±0.2
V
IO
Output current
Output disabled,
VO = 12 V
1
mA
IO
Output current
,
See Note 3
VO = – 7 V
– 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
– 400
µA
VO = – 7 V
– 250
IOS
Short-circuit output current
VO = VCC
250
mA
VO = 12 V
500
ICC
Supply current (total package)
No load
Outputs enabled
35
50
mA
ICC
Supply current (total package)
No load
Outputs disabled
26
40
mA
† All typical values are at VCC = 5 V and TA = 25°C.
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level to a low
level.
§ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to GND, is called output offset voltage, VOS.
NOTE 3: This applies for both power on and off; refer to ANSI Standard EIA/TIA-422-B for exact conditions.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential-output delay time
RL =60 Ω
See Figure 3
40
60
ns
tt(OD)
Differential-output transition time
RL = 60 Ω,
See Figure 3
65
95
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
55
90
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
30
50
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
85
130
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
20
40
ns


Similar Part No. - SN75176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75176 TI-SN75176 Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Texas Instruments
SN75176A TI-SN75176A Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75176AD TI-SN75176AD Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75176ADE4 TI-SN75176ADE4 Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com