Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75177BD Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75177BD
Description  DIFFERENTIAL BUS REPEATERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75177BD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75177BD Datasheet HTML 2Page - Texas Instruments SN75177BD Datasheet HTML 3Page - Texas Instruments SN75177BD Datasheet HTML 4Page - Texas Instruments SN75177BD Datasheet HTML 5Page - Texas Instruments SN75177BD Datasheet HTML 6Page - Texas Instruments SN75177BD Datasheet HTML 7Page - Texas Instruments SN75177BD Datasheet HTML 8Page - Texas Instruments SN75177BD Datasheet HTML 9Page - Texas Instruments SN75177BD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN75177B, SN75178B
DIFFERENTIAL BUS REPEATERS
SLLS002C – D2606, JULY 1985 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–6
PARAMETER MEASUREMENT INFORMATION
VOC
2
RL
2
RL
VOD2
VOL
VOH
–IOH
+IOL
VID
Figure 1. Driver VOD and VOC
Figure 2. Receiver VOH and VOL
VOLTAGE WAVEFORMS
50%
ttD
tdD
1.5 V
10%
ttD
≈ 2.5 V
≈ – 2.5 V
90%
50%
Output
tdD
0 V
3 V
1.5 V
Input
TEST CIRCUIT
Output
(see Note B)
CL = 50 pF
RL = 54 Ω
50
Generator
(see Note A)
Figure 3. Driver Differential-Output Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
tPHZ
1.5 V
2.3 V
0.5 V
0 V
3 V
tPZH
Output
Input
1.5 V
S1
0 V or 3 V
Output
(see Note B)
CL = 50 pF
TEST CIRCUIT
50
VOH
Voff ≈ 0 V
(SN75178B)
(SN75177B)
SN75178B
Enable is
Active Low
RL = 110 Ω
Generator
(see Note A)
Figure 4. Driver Enable and Disable Times
VOLTAGE WAVEFORMS
5 V
VOL
0.5 V
tPZL
3 V
0 V
tPLZ
1.5 V
2.3 V
1.5 V
Output
Input
TEST CIRCUIT
Output
RL = 110 Ω
5 V
S1
(see Note B)
CL = 50 pF
50
3 V or 0 V
(SN75178B)
(SN75177B)
SN75178B
Enable is
Active Low
Generator
(see Note A)
Figure 5. Driver Enable and Disable Times
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.


Similar Part No. - SN75177BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75177BD TI1-SN75177BD Datasheet
177Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
More results

Similar Description - SN75177BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75177B TI1-SN75177B_10 Datasheet
177Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com