Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS170A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS170A
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS170A Datasheet HTML 2Page - Texas Instruments SN75ALS170A Datasheet HTML 3Page - Texas Instruments SN75ALS170A Datasheet HTML 4Page - Texas Instruments SN75ALS170A Datasheet HTML 5Page - Texas Instruments SN75ALS170A Datasheet HTML 6Page - Texas Instruments SN75ALS170A Datasheet HTML 7Page - Texas Instruments SN75ALS170A Datasheet HTML 8Page - Texas Instruments SN75ALS170A Datasheet HTML 9Page - Texas Instruments SN75ALS170A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ALS170
RL = 54 Ω,
CL = 50 pF,
3
8
13
ALS170A
L
,
TA =25°C,
L
,
See Figure 3
5.5
8
10.5
td(OD)
Differential output delay time
ALS170
RL1 = RL3 = 165 Ω,
CL =60 pF
RL2 = 75 Ω,
TA =25°C
3
8
13
ns
ALS170A
CL = 60 pF,
See Figure 4
TA =25°C,
5.5
8
10.5
t k( )
Pulse skew‡
RL = 54 Ω,
See Figure 3
CL = 50 pF,
1
5
ns
tsk(p)
Pulse skew‡
RL1 = RL3 = 165 Ω,
CL = 60 pF,
RL2 = 75 Ω,
See Figure 4
1
5
ns
§
ALS170
RL = 54 Ω,
CL = 50 pF,
10
t k(li )
Skew limit§
ALS170A
L
,
See Figure 3
L
,
5
ns
tsk(lim)
Skew limit§
ALS170
RL1 = RL3 = 165 Ω,
RL2 = 75 Ω,
10
ns
ALS170A
L1
L3
,
CL = 60 pF,
L2
,
See Figure 4
5
tt(OD)
Differential output transition time
RL = 54 Ω,
See Figure 3
CL = 50 pF,
3
8
13
ns
tt(OD)
Differential-output transition time
RL1 = RL3 = 165 Ω,
CL = 60 pF,
RL2 = 75 Ω,
See Figure 4
3
8
13
ns
† All typical values are at VCC = 5 V and TA = 25°C.
‡ Pulse skew is defined as the | td(ODH)–td(ODL)| of each channel.
§ Skew limit is the maximum difference in propagation delay times between any two channels of one device and between any two devices. This
parameter is applicable at one VCC and operating temperature within the recommended operating conditions.
SYMBOL EQUIVALENTS
DATA SHEET PARAMETER
EIA/TIA-422-B
RS-485
VO
Voa, Vob
Voa, Vob
| VOD1 |
VO
VO
| VOD2 |
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
| VOD3 |
Vt (Test Termination
Measurement 2)
Vtest
Vtst
∆ | VOD |
|| Vt | – | Vt ||
|| Vt | – | Vt ||
VOC
| Vos |
| Vos |
∆ | VOC |
| Vos – Vos |
| Vos – Vos |
IOS
| Isa |, | Isb |
IO
| Ixa |, | Ixb |
Iia, Iib


Similar Part No. - SN75ALS170A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170A TI-SN75ALS170A Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWE4 TI-SN75ALS170ADWE4 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWG4 TI-SN75ALS170ADWG4 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWR TI-SN75ALS170ADWR Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75ALS170A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170 TI-SN75ALS170_08 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com