Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS173 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS173
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS173 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS173 Datasheet HTML 1Page - Texas Instruments SN75ALS173 Datasheet HTML 2Page - Texas Instruments SN75ALS173 Datasheet HTML 3Page - Texas Instruments SN75ALS173 Datasheet HTML 4Page - Texas Instruments SN75ALS173 Datasheet HTML 5Page - Texas Instruments SN75ALS173 Datasheet HTML 6Page - Texas Instruments SN75ALS173 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75ALS173
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS132C – SEPTEMBER 1991 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-422-B, EIA/TIA-423-B, and
RS-485
D Meets or Exceeds the Requirements of ITU
Recommendations V.10, V.11, X.26, and
X.27
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noisy Environments
D 3-State Outputs
D Common-Mode Input Voltage Range of
– 12 V to 12 V
D Input Sensitivity... ±200 mV
D Input Hysteresis...50 mV Typ
D High Input Impedance...12 kΩ Min
D Operates From Single 5-V Supply
D Low Supply-Current Requirement
27 mA Max
description
The SN75ALS173 is a monolithic quadruple differential line receiver with 3-state outputs. It is designed to meet
the requirements of ANSI Standards EIA/TIA-422-B, EIA/TIA-423-B, RS-485, and several ITU
recommendations. Advanced low-power Schottky technology provides high speed without the usual power
penalty. The four receivers have an ORed pair of enables in common. Either G high or G low enables all of the
receivers. The device features high input impedance, input hysteresis for increased noise immunity, and input
sensitivity of
±200 mV over a common-mode input voltage range of –12 V to 12 V.
The SN75ALS173 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each receiver)
DIFFERENTIAL
ENABLES
OUTPUT
A – B
G
G
Y
VID ≥ 02 V
H
X
H
VID ≥ 0.2 V
X
LH
0 2V<VID <0 2V
H
X
?
– 0.2 V < VID < 0.2 V
X
L?
VID ≤ 02 V
H
X
L
VID ≤ – 0.2 V
X
LL
X
L
H
Z
Open Circuit
H
X
H
Open Circuit
X
L
H
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
N OR NS† PACKAGE
(TOP VIEW)
† The NS package is only available left-end taped and
reeled (order device SN75ALS173 NSLE).


Similar Part No. - SN75ALS173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS173 TI-SN75ALS173 Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173N TI-SN75ALS173N Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173NE4 TI-SN75ALS173NE4 Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173NSLE TI-SN75ALS173NSLE Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
SN75ALS173NSR TI-SN75ALS173NSR Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
More results

Similar Description - SN75ALS173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com