Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS171J Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75ALS171J
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS171J Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS171J Datasheet HTML 1Page - Texas Instruments SN75ALS171J Datasheet HTML 2Page - Texas Instruments SN75ALS171J Datasheet HTML 3Page - Texas Instruments SN75ALS171J Datasheet HTML 4Page - Texas Instruments SN75ALS171J Datasheet HTML 5Page - Texas Instruments SN75ALS171J Datasheet HTML 6Page - Texas Instruments SN75ALS171J Datasheet HTML 7Page - Texas Instruments SN75ALS171J Datasheet HTML 8Page - Texas Instruments SN75ALS171J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN75ALS171, SN75ALS171A
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SLLS056D – AUGUST 1987 – REVISED SEPTEMBER 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Three Bidirectional Transceivers
D Driver Meets or Exceeds the Requirements
of ANSI EIA/TIA-422-B and RS-485 and ITU
Recommendation V.11
D Two Skew Limits Available
D Designed to Operate Up to 20 Million Data
Transfers per Second (FAST-20 SCSI)
D High-Speed Advanced Low-Power Schottky
Circuitry
D Low Pulse Skew...5 ns Max
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Features Independent Driver Enables and
Combined Receiver Enables
D Wide Positive and Negative Input/Output
Bus Voltages Ranges
D Driver Output Capacity... ±60 mA
D Thermal Shutdown Protection
D Driver Positive- and Negative-Current
Limiting
D Receiver Input Impedances...12 kΩ Min
D Receiver Input Sensitivity... ±300 mV Max
D Receiver Input Hysteresis...60 mV Typ
D Operates From a Single 5-V Supply
D Glitch-Free Power-Up and Power-Down
Protection
description
The SN75ALS171 and the SN75ALS171A triple differential bus transceivers are monolithic integrated circuits
designed for bidirectional data communication on multipoint bus transmission lines. They are designed for
balanced transmission lines, and each driver meets ANSI Standards EIA/TIA-422-B and RS-485 and both the
drivers and receivers meet ITU Recommendation V.11. The SN75ALS171A is designed for FAST-20 SCSI and
can transmit or receive data pulses as short as 30 ns with a maximum skew of 5 ns.
The SN75ALS171 and the SN75ALS171A operate from a single 5-V power supply. The drivers and receivers
have individual active-high and active-low enables, respectively, which can be externally connected together
to function as a direction control. The driver differential output and the receiver differential input pairs are
connected internally to form differential input/output (I/O) bus ports that are designed to offer minimum loading
to the bus when the driver is disabled or VCC is at 0 V. These ports feature wide positive and negative
common-mode voltage ranges making the device suitable for party-line applications.
The SN75ALS171 and the SN75ALS171A are characterized for operation from 0
°C to 70°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DW OR J PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1R
1DE
1D
GND
GND
2R
2DE
2D
3R
3DE
1B
1A
RE
CDE
VCC
2B
2A
3B
3A
3D


Similar Part No. - SN75ALS171J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS171J TI-SN75ALS171J Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS171J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com