Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS193N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS193N
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS193N Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS193N Datasheet HTML 1Page - Texas Instruments SN75ALS193N Datasheet HTML 2Page - Texas Instruments SN75ALS193N Datasheet HTML 3Page - Texas Instruments SN75ALS193N Datasheet HTML 4Page - Texas Instruments SN75ALS193N Datasheet HTML 5Page - Texas Instruments SN75ALS193N Datasheet HTML 6Page - Texas Instruments SN75ALS193N Datasheet HTML 7Page - Texas Instruments SN75ALS193N Datasheet HTML 8Page - Texas Instruments SN75ALS193N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN75ALS193
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS008D – JUNE 1986 – REVISED MAY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
1A
2
1B
1
2A
6
2B
7
3A
10
3B
9
4A
14
4B
15
3
1Y
5
2Y
11
3Y
13
4Y
4
G
12
G
EN
≥ 1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
4Y
3Y
2Y
1Y
13
11
5
3
4
4B
4A
3B
3A
2B
2A
1B
1A
15
14
9
10
7
6
1
2
12
G
G
schematics of inputs and outputs
EQUIVALENT OF EACH A OR B INPUT
EQUIVALENT OF G OR G INPUTS
EQUIVALENT OF ALL OUTPUTS
GND
VCC
VCC
Input
GND
3 k
NOM
18 k
NOM
300 k
NOM
2 k
NOM
VCC (A)
or
GND (B)
22 k
NOM
Output
50 k
NOM
VCC
Input
GND


Similar Part No. - SN75ALS193N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193N TI-SN75ALS193N Datasheet
563Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193NE4 TI-SN75ALS193NE4 Datasheet
563Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS193N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com