Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C188DB Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75C188DB
Description  QUADRUPLE LOW-POWER LINE DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C188DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75C188DB Datasheet HTML 2Page - Texas Instruments SN75C188DB Datasheet HTML 3Page - Texas Instruments SN75C188DB Datasheet HTML 4Page - Texas Instruments SN75C188DB Datasheet HTML 5Page - Texas Instruments SN75C188DB Datasheet HTML 6Page - Texas Instruments SN75C188DB Datasheet HTML 7Page - Texas Instruments SN75C188DB Datasheet HTML 8Page - Texas Instruments SN75C188DB Datasheet HTML 9Page - Texas Instruments SN75C188DB Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SN75C188
QUADRUPLE LOW-POWER LINE DRIVERS
SLLS033F – JANUARY 1988 – REVISED MARCH 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
SN75C188
SN75C188
Output
+15 V
VCC +
VCC –
VCC –
VCC +
NOTE A: External diodes placed in series with the VCC + and VCC – leads protect the SN75C188 in the fault condition where the device outputs
are shorted to
±15 V and the power supplies are at low voltage and provide low-impedance paths to GND.
Figure 13. Power Supply Protection to Meet Power-Off Fault Conditions of Standard EIA/TIA-232-E


Similar Part No. - SN75C188DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188DBLE TI-SN75C188DBLE Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188DBR TI-SN75C188DBR Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188DBRE4 TI-SN75C188DBRE4 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results

Similar Description - SN75C188DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com